Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF7100BVMA2ES Datasheet(PDF) 17 Page - NXP Semiconductors

Part # MPF7100BVMA2ES
Description  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVMA2ES Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button MPF7100BVMA2ES Datasheet HTML 13Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 14Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 15Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 16Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 17Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 18Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 19Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 20Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
17 / 125
If a power up event is started and any of the TRIM_NOK, OTP_NOK or STEST_NOK
flags are asserted, the device ignores the power up event and remains in the QPU_Off
state. See Section 17 "OTP/TBB and hardwire default configurations" for more details on
debugging a fuse loading failure.
Upon a power up event, the default configuration from OTP or hardwire is loaded into
their corresponding I2C functional register in the transition from QPU_Off to power up
state.
13.1.5 Power up sequence
During the power up sequence, the external regulators are turned on in a predefined
order as programmed by the default (OTP or hardwire) sequence.
If PGOOD is used as a GPO, it can also be set high as part of the power up sequence in
order to allow sequencing of any external supply/device controlled by the PGOOD pin.
The RESETBMCU is also programmed as part of the power up sequence, and it is used
as the condition to enter the system-on states. The RESETBMCU may be released in
the middle of the power up sequence, in this case, the remaining supplies in the power
up continue to power up as the device is in the run state. See Section 14.5.2 "Power up
sequencing" for details.
13.1.6 System-on states
During the system-on state, the MCU is powered and out of reset and the system is fully
operational.
The system-on is a virtual state composed by two modes of operations:
• Run state
• Standby state
Register to control the regulators output voltage, regulator enable, interrupt masks, and
other miscellaneous functions can be written to or read from the functional I2C register
map during the system-on states.
13.1.6.1 Run state
If the power up state is successfully completed, the state machine transitions to the run
state. In this state, RESETBMCU is released high, and the MCU is expected to boot up
and set up specific registers on the PMIC as required during the system boot up process.
The run mode is intended to be used as the normal mode of operation for the system.
Each regulator has specific registers to control its output voltage, operation mode and/or
enable/disable state during the run state.
By default, the VSWx_RUN[7:0] / VLDOx_RUN[3:0] registers are loaded with the data
stored in the OTP_VSWx[7:0] or OTP_VLDOx[3:0] bits respectively.
SW5 uses only one global register to configure the output voltage during run or
standby mode. Upon power up, the VSW5[4:0] bits are loaded with the values of the
OTP_VSW5[4:0].
Upon power up, if the switching regulator is part of the power up sequence, the
SWx_RUN_MODE[1:0] bits are loaded as needed by the system:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com