Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF7100BVMA2ES Datasheet(PDF) 60 Page - NXP Semiconductors

Part # MPF7100BVMA2ES
Description  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVMA2ES Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button MPF7100BVMA2ES Datasheet HTML 56Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 57Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 58Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 59Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 60Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 61Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 62Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 63Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
60 / 125
settings and 1.8 V, the switching regulator is automatically disabled first and then re-
enabled at the selected voltage level to avoid an uncontrolled transition to the new
voltage setting.
Each regulator is provided with 2 bits to set its mode of operation.
• The SWx_RUN_MODE[1:0] bits allow the user to change the mode of operation of the
SWx regulators during the run state. If the regulator was programmed as part of the
power up sequence, the SWx_RUN_MODE[1:0] bits are loaded with 0b11 (autoskip) by
default. Otherwise it is loaded with 0b11 (disabled).
• The SWx_STBY_MODE[1:0] bits allow the user to change the mode of operation of
the SWx regulators during the standby state. If the regulator was programmed as part
of the power up sequence, the SWx_STBY_MODE[1:0] bits are loaded with 0b11
(autoskip) by default. Otherwise, it is loaded with 0b11 (disabled).
Table 44. SW regulator mode configuration
SWx_MODE[1:0]
Mode of operation
00
OFF
01
PWM mode
10
PFM mode
11
Auto skip mode
The SWx_MODE_I interrupt asserts the INTB pin when any of the Type 1 regulators
have changed the mode of operation, provided the corresponding interrupt is not
masked.
To avoid potential detection of an OV/UV fault during SWx ramp up, it is recommended to
power up the regulator in PWM or auto skip mode.
SW1 to SW4 regulators use 2 bits SWxILIM[1:0], to program the current limit detection.
Table 45. SWx current limit selection
SWxILIM[1:0]
Typical current limit
00
2.1 A
01
2.6 A
10
3.0 A
11
4.5 A
The current limit specification is given with respect to the inductor peak current. To
calculate the DC current at which the buck regulator enters into current limitation, it is
necessary to calculate the inductor ripple current. An ideal approximation is enough to
obtain the ripple current as follows:
ΔiL = VOUT × (1 − VOUT/VIN)/(L × FSW)
L is the inductance value and FSW is the selected switching frequency.
The DC current limit is then calculated by:
DC ILIM = ILIM − (ΔiL / 2)
In order to account for component tolerances, use the minimum inductor value per the
inductor specification.
During single phase operation, all buck regulators use 3 bits (SWxPHASE[2:0]) to control
the phase shift of the switching frequency. The default switching phase is loaded from



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com