Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF7100BVMA2ES Datasheet(PDF) 82 Page - NXP Semiconductors

Part # MPF7100BVMA2ES
Description  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVMA2ES Datasheet(HTML) 82 Page - NXP Semiconductors

Back Button MPF7100BVMA2ES Datasheet HTML 78Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 79Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 80Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 81Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 82Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 83Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 84Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 85Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 86Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
82 / 125
aaa-028069
10.4 µs
5.2 µs
5 %
fosc
10 %
fosc
time
SS_RANGE = 0
SS_RANGE = 1
fmod = 24 kHz
fmod = 24 kHz
time
Figure 33. Spread-spectrum waveforms
If the frequency spread-spectrum is enabled, the switching regulators should be set in
PWM mode to ensure clock synchronization at all time.
If the external clock synchronization is enabled, (SYNCIN_EN = 1), the spread spectrum
is disabled regardless of the value of the FSS_EN bit.
15.7.5 Clock synchronization
An external clock can be fed via the SYNCIN pin to synchronize the switching regulators
to this external clock.
When the OTP_SYNCIN_EN = 0, the external clock synchronization is disabled. In this
case, the PLL is disabled, and the device always uses the internal high frequency clock
to generate the main frequency for the switching regulators.
When the OTP_SYNCIN_EN = 1, the external clock synchronization is enabled. In this
case, the internal PLL is always enabled and it uses either the internal high frequency
clock or the SYNCIN pin as it source to generate the main frequency for the switching
regulators.
If the SYNCIN function is not used, the pin should be grounded. If the external clock is
meant to start up after the PMIC has started, the SYNCIN pin must be maintained low
until the external clock is applied.
The SYNCIN pin is prepared to detect clock signals with a 1.8 V or 3.3 V amplitude and
within the frequency range set by the FSYNC_RANGE bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com