Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF7100BVMA2ES Datasheet(PDF) 86 Page - NXP Semiconductors

Part # MPF7100BVMA2ES
Description  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVMA2ES Datasheet(HTML) 86 Page - NXP Semiconductors

Back Button MPF7100BVMA2ES Datasheet HTML 82Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 83Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 84Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 85Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 86Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 87Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 88Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 89Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 90Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
86 / 125
Symbol
Parameter[1]
Min
Typ
Max
Unit
t_temp_db
Debounce timer for temperature thresholds
(bidirectional)
—
10
—
µs
tSinterval
Sampling interval time
When TMP_MON_AON = 1
—
3.0
—
ms
tSwindow
Sampling window
When TMP_MON_AON = 1
—
450
—
µs
[1]
Sensor temperature is calculated with the following formula: T [°C] = (VTSENSE – 1.498 V) / TCOF, where VTSENSE is the thermal sensor voltage measured
on the corresponding AMUX channel.
aaa-028071
1.2
1.4
1.0
1.6
1.8
Tsense
voltage
(V)
0.8
die temperature (°C)
-40
160
120
200
80
0
40
Figure 35. Thermal sensor voltage characteristics
As the temperature crosses the thermal thresholds, the corresponding interrupts are
set to notify the system. The processor may take appropriate action to bring down the
temperature (either by turning off external regulators, reducing load, or turning on a fan).
A 5 ºC hysteresis is implemented on a falling temperature in order to release the
corresponding THERM_x_S signal. When the shutdown threshold is crossed, the
PF7100 initiates a thermal shutdown and it prevents from turning back on until the 15 ºC
thermal shutdown hysteresis is crossed as the device cools down.
The temperature monitor can be enabled or disabled via I2C with the TMP_MON_EN bit.
• When TMP_MON_EN = 0, the temperature monitor circuit is disabled.
• When TMP_MON_EN = 1, the temperature monitor circuit is enabled.
In the run state, the temperature sensor can operate in always on or sampling modes.
• When the TMP_MON_AON = 1, the device is always on during the run mode.
• When the TMP_MON_AON = 0, the device operates in sampling mode to reduce
current consumption in the system. In sampling mode, the thermal monitor is turned on
during 450 µs at a 3.0 ms sampling interval.
In the standby mode, the thermal monitor operates only in sampling mode as long as the
TMP_MON_EN = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com