Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF7100BVMA2ES Datasheet(PDF) 80 Page - NXP Semiconductors

Part # MPF7100BVMA2ES
Description  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVMA2ES Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button MPF7100BVMA2ES Datasheet HTML 76Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 77Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 78Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 79Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 80Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 81Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 82Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 83Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
80 / 125
The clock management provides clocking signals for the internal state machine, the
switching frequencies for the seven buck converters as well as the multiples of those
switching frequencies in order to enable phase shifting for multiple phase operations.
aaa-028068
DIVIDE
BY
1 OR 6
INTERNAL
OSCILLATOR
20 MHz ± 20 % 16 to 24 MHz
SYNCIN
333 to 500 kHz
or 2 - 3 MHz
16 to 24 MHz
16 to 24 MHz
16 to 24 MHz
CLOCK MANAGEMENT BLOCK
416.67 kHz
333 kHz - 500 kHz
333 kHz - 500 kHz
En
OUT
f1
f1 + 45°
f1 + 90°
f1 + 135°
f1 + 180°
f1 + 225°
f1 + 270°
f1 + 315°
IN
centered
DIVIDE
BY
48
FREQUENCY
WATCHDOG
INTERNAL
OSCILLATOR
100 kHz ± 5 %
FSS_EN
FSS_RANGE
CKL_FRQ[3:0]
FSYNC_RANGE
OTP_SYNCIN_EN
100 kHz
system clock
MUX
0
1
MUX
0
1
SYNOUT_EN
PLL
X48
DIV 1
BY 8
DLY
DLY
DLY
DLY
DLY
DLY
DLY
DLY
I/O
SYNCOUT
Figure 32. Clock management architecture
15.7.1 Low frequency clock
Low power 100 kHz clock is provided for overall logic and digital control. Internal logic
and debounce timers are based on this 100 kHz clock.
15.7.2 High frequency clock
The PF7100 features a high frequency clock with nominal frequency of 20 MHz. Clock
frequency is programmable over a range of ±20 % via the CLK_FREQ[3:0] control bits.
15.7.3 Manual frequency tuning
The PF7100 features a manual frequency tuning to set the switching frequency of the
high frequency clock. The CLK_FREQ [3:0] bits allow a manual frequency tuning of the
high frequency clock from 16 MHz to 24 MHz.
If a frequency change of two or more steps is requested by a single I2C command, the
device performs a gradual frequency change passing through all steps in between with a
5.2 µs time between each frequency step. When the frequency reaches the programmed
value, the FREQ_RDY_I asserts the INTB pin, provided it is not masked.
When the internal clock is used as the main frequency for the power generation, an
internal frequency divider by 8 is used to generate the switching frequency for all the
buck regulators. Adjusting the frequency of the high frequency clock allows for manual
tuning of the switching frequencies for the buck regulators from 2.0 MHz to 3.0 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com