Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF7100BVMA2ES Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MPF7100BVMA2ES
Description  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVMA2ES Datasheet(HTML) 5 Page - NXP Semiconductors

  MPF7100BVMA2ES Datasheet HTML 1Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 2Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 3Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 4Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 5Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 6Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 7Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 8Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
5 / 125
7 Pinning information
7.1 Pinning
aaa-034297
FSOB
36
RESETBMCU
35
PWRON
34
STANDBY
33
TBBEN
32
SW1FB
31
SW2FB
30
DGND
29
V1P5D
28
VIN
27
AGND
26
AMUX
25
WDI 1
SYNCOUT 2
EWARN 3
LDO2EN 4
SYNCIN 5
SW4FB 6
SW3FB
EPAD
7
VDDOTP 8
VDDIO 9
SDA 10
SCL 11
SW5FB 12
Figure 4. Pin configuration for HVQFN48
7.2 Pin definitions
Table 3. Pin definitions
Pin number Symbol
Application description
Pin type
Min
Max
Units
1
WDI
Watchdog Input from MCU
I
−0.3
6.0
V
2
SYNCOUT
Clock out pin for external part synchronization
O
−0.3
6.0
V
3
EWARN
Early warning to MCU
O
−0.3
6.0
V
4
LDO2EN
LDO2 enable pin
I
−0.3
6.0
V
5
SYNCIN
External clock input pin for synchronization
I
−0.3
6.0
V
6
SW4FB
Buck 4 output voltage feedback
I
−0.3
6.0
V
7
SW3FB
Buck 3 output voltage feedback
I
−0.3
6.0
V
8
VDDOTP
OTP selection input
I
−0.3
10
V
9
VDDIO
I/O supply voltage. Connect to voltage rail between 1.6 V and 3.3 V.
I
−0.3
6.0
V
10
SDA
I2C data signal
I/O
−0.3
6.0
V
11
SCL
I2C clock signal
I
−0.3
6.0
V
12
SW5FB
Buck 5 output voltage feedback
I
−0.3
6.0
V
13
XINTB
External interrupt input
I
−0.3
6.0
V
14
NC1
Reserved
—
—
—
—
15
SW5IN
Buck 5 input supply
I
−0.3
6.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com