Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF7100BVMA2ES Datasheet(PDF) 81 Page - NXP Semiconductors

Part # MPF7100BVMA2ES
Description  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVMA2ES Datasheet(HTML) 81 Page - NXP Semiconductors

Back Button MPF7100BVMA2ES Datasheet HTML 77Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 78Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 79Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 80Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 81Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 82Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 83Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 84Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 85Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
81 / 125
Table 67. Manual frequency tuning configuration
CLK_FREQ[3:0]
High speed clock frequency
(MHz)
Switching regulators frequency
(MHz)
0000
20
2.500
0001
21
2.625
0010
22
2.750
0011
23
2.875
0100
24
3.000
0101
Not used
Not used
0110
Not used
Not used
0111
Not used
Not used
1000
Not used
Not used
1001
16
2.000
1010
17
2.125
1011
18
2.250
1100
19
2.375
1101
Not used
Not used
1110
Not used
Not used
1111
Not used
Not used
The default switching frequency is set by the OTP_CLK_FREQ[3:0] bits.
Manual tuning cannot be applied when frequency spread-spectrum or external
clock synchronization is used. However, during external clock synchronization, it is
recommended to program the CLK_FREQ[3:0] bits to match the external frequency as
close as possible.
15.7.4 Spread-spectrum
The internal clock provides a programmable frequency spread spectrum with two ranges
for narrow spread and wide spread to help manage EMC in the automotive applications.
• When the FSS_EN = 1, the frequency spread-spectrum is enabled.
• When the FSS_EN = 0, the frequency spread-spectrum is disabled.
The default state of the FSS_EN bit upon a power up can be configured via the
OTP_FSS_EN bit.
The FSS_RANGE bit is provided to select the clock frequency range.
• When FSS_RANGE = 0, the maximum clock frequency range is ±5 %.
• When FSS_RANGE = 1, the maximum clock frequency range is ±10 %.
The default value of the FSS_RANGE bit upon a power up can be configured via the
OTP_FSS_RANGE bit.
The frequency spread-spectrum is performed at a 24 kHz modulation frequency when
the internal high frequency clock is used to generate the switching frequency for the
switching regulators. When the external clock synchronization is enabled, the spread-
spectrum is disabled.
The following figure shows implementation of spread-spectrum for the two settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com