Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F7X7 Datasheet(PDF) 66 Page - Microchip Technology

Part # PIC16F7X7
Description  28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F7X7 Datasheet(HTML) 66 Page - Microchip Technology

Back Button PIC16F7X7 Datasheet HTML 62Page - Microchip Technology PIC16F7X7 Datasheet HTML 63Page - Microchip Technology PIC16F7X7 Datasheet HTML 64Page - Microchip Technology PIC16F7X7 Datasheet HTML 65Page - Microchip Technology PIC16F7X7 Datasheet HTML 66Page - Microchip Technology PIC16F7X7 Datasheet HTML 67Page - Microchip Technology PIC16F7X7 Datasheet HTML 68Page - Microchip Technology PIC16F7X7 Datasheet HTML 69Page - Microchip Technology PIC16F7X7 Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 276 page
background image
PIC16F7X7
DS30498C-page 64
 2004 Microchip Technology Inc.
TABLE 5-3:
PORTB FUNCTIONS
TABLE 5-4:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTB
Name
Bit#
Buffer
Function
RB0/INT/AN12
bit 0
TTL/ST(1) Input/output pin or external interrupt input. Internal software
programmable weak pull-up or analog input.
RB1/AN10
bit 1
TTL
Input/output pin. Internal software programmable weak pull-up or
analog input.
RB2/AN8
bit 2
TTL
Input/output pin. Internal software programmable weak pull-up or
analog input.
RB3/CCP2/AN9
bit 3
TTL
Input/output pin or Capture 2 input/Compare 2 output/PWM 2 output.
Internal software programmable weak pull-up or analog input.
RB4/AN11
bit 4
TTL
Input/output pin (with interrupt-on-change). Internal software
programmable weak pull-up or analog input.
RB5/AN13/CCP3
bit 5
TTL
Input/output pin (with interrupt-on-change). Internal software
programmable weak pull-up or analog input or Capture 2 input/
Compare 2 output/PWM 2 output.
RB6/PGC
bit 6
TTL/ST(2) Input/output pin (with interrupt-on-change). Internal software
programmable weak pull-up. Serial programming clock.
RB7/PGD
bit 7
TTL/ST(2) Input/output pin (with interrupt-on-change). Internal software
programmable weak pull-up. Serial programming data.
Legend: TTL = TTL input, ST = Schmitt Trigger input
Note 1:
This buffer is a Schmitt Trigger input when configured as the external interrupt.
2:
This buffer is a Schmitt Trigger input when used in Serial Programming mode.
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on
all other
Resets
06h, 106h
PORTB
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
xx00 0000 uu00 0000
86h, 186h
TRISB
PORTB Data Direction Register
1111 1111 1111 1111
81h, 181h
OPTION_REG RBPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111 1111 1111
9Fh
ADCON1
ADFM
ADCS2
VCFG1
VCFG0
PCFG3 PCFG2 PCFG1 PCFG0 0000 0000 0000 0000
Legend:
x
= unknown, u = unchanged. Shaded cells are not used by PORTB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com