Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F7X7 Datasheet(PDF) 20 Page - Microchip Technology

Part # PIC16F7X7
Description  28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F7X7 Datasheet(HTML) 20 Page - Microchip Technology

Back Button PIC16F7X7 Datasheet HTML 16Page - Microchip Technology PIC16F7X7 Datasheet HTML 17Page - Microchip Technology PIC16F7X7 Datasheet HTML 18Page - Microchip Technology PIC16F7X7 Datasheet HTML 19Page - Microchip Technology PIC16F7X7 Datasheet HTML 20Page - Microchip Technology PIC16F7X7 Datasheet HTML 21Page - Microchip Technology PIC16F7X7 Datasheet HTML 22Page - Microchip Technology PIC16F7X7 Datasheet HTML 23Page - Microchip Technology PIC16F7X7 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 276 page
background image
PIC16F7X7
DS30498C-page 18
 2004 Microchip Technology Inc.
2.2.2
SPECIAL FUNCTION REGISTERS
The Special Function Registers are registers used by
the CPU and peripheral modules for controlling the
desired operation of the device. These registers are
implemented as static RAM. A list of these registers is
given in Table 2-1.
The Special Function Registers can be classified into
two sets: core (CPU) and peripheral. Those registers
associated with the core functions are described in
detail in this section. Those related to the operation of
the peripheral features are described in detail in the
peripheral feature section.
TABLE 2-1:
SPECIAL FUNCTION REGISTER SUMMARY
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Details
on page
Bank 0
00h(4)
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register) 0000 0000
30, 180
01h
TMR0
Timer0 Module Register
xxxx xxxx
76, 180
02h(4)
PCL
Program Counter (PC) Least Significant Byte
0000 0000
29, 180
03h(4)
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
21, 180
04h(4)
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
30, 180
05h
PORTA
PORTA Data Latch when written: PORTA pins when read
xx0x 0000
55, 180
06h
PORTB
PORTB Data Latch when written: PORTB pins when read
xx00 0000
64, 180
07h
PORTC
PORTC Data Latch when written: PORTC pins when read
xxxx xxxx
66, 180
08h(5)
PORTD
PORTD Data Latch when written: PORTD pins when read
xxxx xxxx
67, 180
09h(5)
PORTE
RE3
RE2
RE1
RE0
---- x000
68, 180
0Ah(1,4)
PCLATH
Write Buffer for the upper 5 bits of the Program Counter
---0 0000
29, 180
0Bh(4)
INTCON
GIE
PEIE
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
0000 000x
23, 180
0Ch
PIR1
PSPIF(3)
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
0000 0000
25, 180
0Dh
PIR2
OSFIF
CMIF
LVDIF
—BCLIF
CCP3IF
CCP2IF
000- 0-00
27, 180
0Eh
TMR1L
Holding Register for the Least Significant Byte of the 16-bit TMR1 Register
xxxx xxxx
83, 180
0Fh
TMR1H
Holding Register for the Most Significant Byte of the 16-bit TMR1 Register
xxxx xxxx
83, 180
10h
T1CON
T1RUN
T1CKPS1
T1CKPS0
T1OSCEN T1SYNC
TMR1CS TMR1ON -000 0000
83, 180
11h
TMR2
Timer2 Module Register
0000 0000
86, 180
12h
T2CON
TOUTPS3 TOUTPS2
TOUTPS1
TOUTPS0 TMR2ON T2CKPS1 T2CKPS0 -000 0000
86, 180
13h
SSPBUF
Synchronous Serial Port Receive Buffer/Transmit Register
xxxx xxxx
101, 180
14h
SSPCON
WCOL
SSPOV
SSPEN
CKP
SSPM3
SSPM2
SSPM1
SSPM0
0000 0000
101, 180
15h
CCPR1L
Capture/Compare/PWM Register 1 (LSB)
xxxx xxxx
90, 180
16h
CCPR1H
Capture/Compare/PWM Register 1 (MSB)
xxxx xxxx
90, 180
17h
CCP1CON
CCP1X
CCP1Y
CCP1M3
CCP1M2
CCP1M1
CCP1M0 --00 0000
88, 180
18h
RCSTA
SPEN
RX9
SREN
CREN
ADDEN
FERR
OERR
RX9D
0000 000x
134, 180
19h
TXREG
AUSART Transmit Data Register
0000 0000
139, 180
1Ah
RCREG
AUSART Receive Data Register
0000 0000
141, 180
1Bh
CCPR2L
Capture/Compare/PWM Register 2 (LSB)
xxxx xxxx
92, 180
1Ch
CCPR2H
Capture/Compare/PWM Register 2 (MSB)
xxxx xxxx
92, 180
1Dh
CCP2CON
CCP2X
CCP2Y
CCP2M3
CCP2M2
CCP2M1
CCP2M0 --00 0000
88, 180
1Eh
ADRESH
A/D Result Register High Byte
xxxx xxxx
160, 180
1Fh
ADCON0
ADCS1
ADCS0
CHS2
CHS1
CHS0
GO/DONE
CHS3
ADON
0000 0000
152, 180
Legend:
x
= unknown, u = unchanged, q = value depends on condition, — = unimplemented, read as ‘0’, r = reserved.
Shaded locations are unimplemented, read as ‘0’.
Note 1:
The upper byte of the program counter is not directly accessible. PCLATH is a holding register for the PC<12:8> bits, whose contents
are transferred to the upper byte of the program counter during branches (CALL or GOTO).
2:
Other (non Power-up) Resets include external Reset through MCLR and Watchdog Timer Reset.
3:
Bits PSPIE and PSPIF are reserved on the 28-pin devices; always maintain these bits clear.
4:
These registers can be addressed from any bank.
5:
PORTD, PORTE, TRISD and TRISE are not physically implemented on the 28-pin devices (except for RE3), read as ‘0’.
6:
This bit always reads as a ‘1’.
7:
OSCCON<OSTS> bit resets to ‘0’ with dual-speed start-up and LP, HS or HS-PLL selected as the oscillator.
8:
RE3 is an input only. The state of the TRISE3 bit has no effect and will always read ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com