Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC2230L Datasheet(PDF) 30 Page - Infineon Technologies AG

Part # XC2230L
Description  16/32-Bit Single-Chip Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2230L Datasheet(HTML) 30 Page - Infineon Technologies AG

Back Button XC2230L Datasheet HTML 26Page - Infineon Technologies AG XC2230L Datasheet HTML 27Page - Infineon Technologies AG XC2230L Datasheet HTML 28Page - Infineon Technologies AG XC2230L Datasheet HTML 29Page - Infineon Technologies AG XC2230L Datasheet HTML 30Page - Infineon Technologies AG XC2230L Datasheet HTML 31Page - Infineon Technologies AG XC2230L Datasheet HTML 32Page - Infineon Technologies AG XC2230L Datasheet HTML 33Page - Infineon Technologies AG XC2230L Datasheet HTML 34Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 112 page
background image
XC2230L, XC2234L
XC2000 Family / Econo Line
Functional Description
Data Sheet
26
V1.3, 2015-02
3
Functional Description
The architecture of the XC223[04]L combines advantages of RISC, CISC, and DSP
processors with an advanced peripheral subsystem in a well-balanced design. On-chip
memory blocks allow the design of compact systems-on-silicon with maximum
performance suited for computing, control, and communication.
The on-chip memory blocks (program code memory and SRAM, dual-port RAM, data
SRAM) and the generic peripherals are connected to the CPU by separate high-speed
buses. Another bus, the LXBus, connects additional on-chip resources and external
resources (see Figure 3). This bus structure enhances overall system performance by
enabling the concurrent operation of several subsystems of the XC223[04]L.
The block diagram gives an overview of the on-chip components and the advanced
internal bus structure of the XC223[04]L.
Figure 3
Block Diagram
DPRAM
CPU
ADC0
Module
8-/10- /
12 -Bit
RTC
MCHK
Interrupt & PEC
LXBUS
Controller
DSRAM
System Functions
Clock, Reset, Power
Control
OCDS
Debug Support
Interrupt Bus
Analog and Digital General Purpose IO (GPIO) Ports
MC_L- SERIES_BLOCKDIAGRAM
GPT
5
Timers
CC2
Module
16
Chan.
WWD
Multi
CAN
CCU6 x
Modules
3+1
Chan.
each
USICx
Modules
2
Chan.
each
PSRAM
Flash Memory
MAC Unit
MPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com