Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC2230L Datasheet(PDF) 95 Page - Infineon Technologies AG

Part # XC2230L
Description  16/32-Bit Single-Chip Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2230L Datasheet(HTML) 95 Page - Infineon Technologies AG

Back Button XC2230L Datasheet HTML 91Page - Infineon Technologies AG XC2230L Datasheet HTML 92Page - Infineon Technologies AG XC2230L Datasheet HTML 93Page - Infineon Technologies AG XC2230L Datasheet HTML 94Page - Infineon Technologies AG XC2230L Datasheet HTML 95Page - Infineon Technologies AG XC2230L Datasheet HTML 96Page - Infineon Technologies AG XC2230L Datasheet HTML 97Page - Infineon Technologies AG XC2230L Datasheet HTML 98Page - Infineon Technologies AG XC2230L Datasheet HTML 99Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 112 page
background image
XC2230L, XC2234L
XC2000 Family / Econo Line
Electrical Parameters
Data Sheet
91
V1.3, 2015-02
Rise and Fall times (10% -
90%)
t
RF CC
−−
38 +
0.6 x
C
L
ns
C
L≥ 20 pF;
C
L≤ 100 pF;
Driver_Strength
=Medium
−−
1 +
0.45 x
C
L
ns
C
L≥ 20 pF;
C
L≤ 100 pF;
Driver_Strength
=Strong ;
Driver_Edge=
Soft
−−
16 +
0.45 x
C
L
ns
C
L≥ 20 pF;
C
L≤ 100 pF;
Driver_Strength
=Strong ;
Driver_Edge=
Slow
−−
200 +
2.5 x
C
L
ns
C
L≥ 20 pF;
C
L≤ 100 pF;
Driver_Strength
=Weak
1) The total output current that may be drawn at a given time must be limited to protect the supply rails from
damage. For any group of 16 neighboring output pins, the total output current in each direction (
ΣI
OL and Σ-
I
OH) must remain below 25 mA.
Table 31
Standard Pad Parameters for Lower Voltage Range
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Maximum output driver
current (absolute value)
1)
I
Omax
CC
−−
1.8
mA
Driver_Strength
=Medium
−−
3.0
mA
Driver_Strength
=Strong
−−
0.3
mA
Driver_Strength
=Weak
Table 30
Standard Pad Parameters for Upper Voltage Range (cont’d)
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com