Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC2230L Datasheet(PDF) 83 Page - Infineon Technologies AG

Part # XC2230L
Description  16/32-Bit Single-Chip Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2230L Datasheet(HTML) 83 Page - Infineon Technologies AG

Back Button XC2230L Datasheet HTML 79Page - Infineon Technologies AG XC2230L Datasheet HTML 80Page - Infineon Technologies AG XC2230L Datasheet HTML 81Page - Infineon Technologies AG XC2230L Datasheet HTML 82Page - Infineon Technologies AG XC2230L Datasheet HTML 83Page - Infineon Technologies AG XC2230L Datasheet HTML 84Page - Infineon Technologies AG XC2230L Datasheet HTML 85Page - Infineon Technologies AG XC2230L Datasheet HTML 86Page - Infineon Technologies AG XC2230L Datasheet HTML 87Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 112 page
background image
XC2230L, XC2234L
XC2000 Family / Econo Line
Electrical Parameters
Data Sheet
79
V1.3, 2015-02
Coding of bit fields LEVxV in SWD Configuration Registers
After power-on the supply watch dog is preconfigured to operate in the lower voltage
range.
Coding of bit fields LEVxV in PVC Configuration Registers
The core voltages are controlled internally to the nominal value of 1.5 V; a variation of
±10 % is allowed. These operation conditions limit the possible PVC monitoring values
to the predefined reset values shown in Table 26.
Table 25
Coding of bit fields LEVxV in Register SWDCON0
Code
Default Voltage Level
Notes
1)
1) The indicated default levels are selected automatically after a power reset.
0000
B
-
out of valid operation range
0001
B
3.0 V
LEV1V: reset request
0010
B - 0101B
3.1 V - 3.4 V
step width is 0.1 V
0110
B
3.6 V
0111
B
4.0 V
1000
B
4.2 V
1001
B
4.5 V
LEV2V: no request
1010
B - 1110B
4.6 V - 5.0 V
step width is 0.1 V
1111
B
5.5 V
Table 26
Coding of bit fields LEVxV in Registers PVCyCONz
Code
Default Voltage Level
Notes
1)
1) The indicated default levels are selected automatically after a power reset.
000
B - 011B
-
out of valid operation range
100
B
1.35 V
LEV1V: reset request
101
B
1.45 V
LEV2V: interrupt request
2)
2) Due to variations of the tolerance of both the Embedded Voltage Regulators (EVR) and PVC levels, this
interrupt can be triggered inadvertently, even though the core voltage is within the normal range. It is,
therefore, recommended not to use this warning level.
110
B - 111B
-
out of valid operation range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com