Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC2230L Datasheet(PDF) 38 Page - Infineon Technologies AG

Part # XC2230L
Description  16/32-Bit Single-Chip Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2230L Datasheet(HTML) 38 Page - Infineon Technologies AG

Back Button XC2230L Datasheet HTML 34Page - Infineon Technologies AG XC2230L Datasheet HTML 35Page - Infineon Technologies AG XC2230L Datasheet HTML 36Page - Infineon Technologies AG XC2230L Datasheet HTML 37Page - Infineon Technologies AG XC2230L Datasheet HTML 38Page - Infineon Technologies AG XC2230L Datasheet HTML 39Page - Infineon Technologies AG XC2230L Datasheet HTML 40Page - Infineon Technologies AG XC2230L Datasheet HTML 41Page - Infineon Technologies AG XC2230L Datasheet HTML 42Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 112 page
background image
XC2230L, XC2234L
XC2000 Family / Econo Line
Functional Description
Data Sheet
34
V1.3, 2015-02
(branching to a dedicated vector table location). The occurrence of a hardware trap is
also indicated by a single bit in the trap flag register (TFR). Unless another higher-priority
trap service is in progress, a hardware trap will interrupt any ongoing program execution.
In turn, hardware trap services can normally not be interrupted by standard or PEC
interrupts.
Depending on the package option up to 3 External Service Request (ESR) pins are
provided. The ESR unit processes their input values and allows to implement user
controlled trap functions (System Requests SR0 and SR1). In this way reset, wakeup
and power control can be efficiently realized.
Software interrupts are supported by the ‘TRAP’ instruction in combination with an
individual trap (interrupt) number. Alternatively to emulate an interrupt by software a
program can trigger interrupt requests by writing the Interrupt Request (IR) bit of an
interrupt control register.
3.6
On-Chip Debug Support (OCDS)
The On-Chip Debug Support system built into the XC223[04]L provides a broad range
of debug and emulation features. User software running on the XC223[04]L can be
debugged within the target system environment.
The OCDS is controlled by an external debugging device via the debug interface. This
consists of the 2-pin Device Access Port (DAP) or of the 1-pin Single Pin DAP (SPD) or
of the JTAG port conforming to IEEE-1149. The debug interface can be completed with
an optional break interface.
The debugger controls the OCDS with a set of dedicated registers accessible via the
debug interface (SPD, DAP or JTAG). In addition the OCDS system can be controlled
by the CPU, e.g. by a monitor program. An injection interface allows the execution of
OCDS-generated instructions by the CPU.
Multiple breakpoints can be triggered by on-chip hardware, by software, or by an
external trigger input. Single stepping is supported, as is the injection of arbitrary
instructions and read/write access to the complete internal address space. A breakpoint
trigger can be answered with a CPU halt, a monitor call, a data transfer, or/and the
activation of an external signal.
Tracing of data can be obtained via the debug interface, or via the external bus interface
for increased performance.
Tracing of program execution is supported by the XC2000 Family emulation device.
The SPD interface uses one interface signal, DAP interface uses two interface signals,
the JTAG interface uses four interface signals, to communicate with external circuitry.
The debug interface can be amended with two optional break lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com