Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC2230L Datasheet(PDF) 79 Page - Infineon Technologies AG

Part # XC2230L
Description  16/32-Bit Single-Chip Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2230L Datasheet(HTML) 79 Page - Infineon Technologies AG

Back Button XC2230L Datasheet HTML 75Page - Infineon Technologies AG XC2230L Datasheet HTML 76Page - Infineon Technologies AG XC2230L Datasheet HTML 77Page - Infineon Technologies AG XC2230L Datasheet HTML 78Page - Infineon Technologies AG XC2230L Datasheet HTML 79Page - Infineon Technologies AG XC2230L Datasheet HTML 80Page - Infineon Technologies AG XC2230L Datasheet HTML 81Page - Infineon Technologies AG XC2230L Datasheet HTML 82Page - Infineon Technologies AG XC2230L Datasheet HTML 83Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 112 page
background image
XC2230L, XC2234L
XC2000 Family / Econo Line
Electrical Parameters
Data Sheet
75
V1.3, 2015-02
Converter Timing Example A:
Converter Timing Example B:
Table 23
A/D Converter Computation Table
GLOBCTR.5-0
(DIVA)
A/D Converter
Analog Clock
f
ADCI
INPCRx.7-0
(STC)
Sample Time
1)
t
S
1) The selected sample time is doubled if broken wire detection is active (due to the presampling phase).
000000
B
f
SYS
00
H
t
ADCI × 2
000001
B
f
SYS / 2
01
H
t
ADCI × 3
000010
B
f
SYS / 3
02
H
t
ADCI × 4
:
f
SYS / (DIVA+1)
:
t
ADCI × (STC+2)
111110
B
f
SYS / 63
FE
H
t
ADCI × 256
111111
B
f
SYS / 64
FF
H
t
ADCI × 257
Assumptions:
f
SYS
= 80 MHz (i.e.
t
SYS = 12.5 ns), DIVA = 03H, STC = 00H
Analog clock
f
ADCI
=
f
SYS / 4 = 20 MHz, i.e. tADCI = 50 ns
Sample time
t
S
=
t
ADCI × 2 = 100 ns
Conversion 12-bit:
t
C12
= 16
× t
ADCI + 2 × tSYS = 16 × 50 ns + 2 × 12.5 ns = 0.825 μs
Conversion 10-bit:
t
C10
= 12
× t
ADCI + 2 × tSYS = 12 × 50 ns + 2 × 12.5 ns = 0.625 μs
Conversion 8-bit:
t
C8
= 10
× t
ADCI + 2 × tSYS = 10 × 50 ns + 2 × 12.5 ns = 0.525 μs
Assumptions:
f
SYS
= 66 MHz (i.e.
t
SYS = 15.2 ns), DIVA = 03H, STC = 00H
Analog clock
f
ADCI
=
f
SYS / 4 = 16.5 MHz, i.e. tADCI = 60.6 ns
Sample time
t
S
=
t
ADCI × 2 = 121.2 ns
Conversion 12-bit:
t
C12
= 16
× t
ADCI + 2 × tSYS = 16 × 60.6 ns + 2 × 15.2 ns = 1.0 μs
Conversion 10-bit:
t
C10
= 12
× t
ADCI + 2 × tSYS = 12 × 60.6 ns + 2 × 15.2 ns = 0.758 μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com