Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC2230L Datasheet(PDF) 76 Page - Infineon Technologies AG

Part # XC2230L
Description  16/32-Bit Single-Chip Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2230L Datasheet(HTML) 76 Page - Infineon Technologies AG

Back Button XC2230L Datasheet HTML 72Page - Infineon Technologies AG XC2230L Datasheet HTML 73Page - Infineon Technologies AG XC2230L Datasheet HTML 74Page - Infineon Technologies AG XC2230L Datasheet HTML 75Page - Infineon Technologies AG XC2230L Datasheet HTML 76Page - Infineon Technologies AG XC2230L Datasheet HTML 77Page - Infineon Technologies AG XC2230L Datasheet HTML 78Page - Infineon Technologies AG XC2230L Datasheet HTML 79Page - Infineon Technologies AG XC2230L Datasheet HTML 80Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 112 page
background image
XC2230L, XC2234L
XC2000 Family / Econo Line
Electrical Parameters
Data Sheet
72
V1.3, 2015-02
2) This parameter includes the sample time (also the additional sample time specified by STC), the time to
determine the digital result and the time to load the result register with the conversion result. Values for the
basic clock
t
ADCI depend on programming.
3) The broken wire detection delay against
V
AGND is measured in numbers of consecutive precharge cycles at a
conversion rate of not more than 500 µs. Result below 10% (66
H)
4) The broken wire detection delay against
V
AREF is measured in numbers of consecutive precharge cycles at a
conversion rate of not more than 10 µs. This function is influenced by leakage current, in particular at high
temperature. Result above 80% (332
H)
5)
V
AIN may exceed VAGND or VAREF up to the absolute maximum ratings. However, the conversion result in these
cases will be X000
H or X3FFH, respectively.
Table 21
ADC Parameters for Upper Voltage Range
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Input resistance of the
selected analog channel
R
AIN CC
−
0.9
1.5
kOh
m
not subject to
production test
1)
Input resistance of the
reference input
R
AREF
CC
−
0.5
1
kOh
m
not subject to
production test
1)
Differential Non-Linearity
Error
2)3)4)5)
|
EA
DNL|
CC
−
2.5
5.0
LSB
Gain Error
2)3)4)5)
|
EA
GAIN|
CC
−
2.5
6.0
LSB
Integral Non-
Linearity
2)3)4)5)
|
EA
INL|
CC
−
2.0
4.0
LSB
Offset Error
2)3)4)5)
|
EA
OFF|
CC
−
2.0
4.0
LSB
Analog clock frequency
f
ADCI SR
2
−
20
MHz
Std. reference
input (
V
AREF)
2
−
17.5
MHz
Alt. reference
input (CH0)
Total Unadjusted Error
3)4)
|TUE|
CC
−
2.5
5.5
LSB
6)7)
Wakeup time from analog
powerdown, fast mode
t
WAF CC
−−
7.0
μs
Wakeup time from analog
powerdown, slow mode
t
WAS CC
−−
11.5
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com