Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC2230L Datasheet(PDF) 61 Page - Infineon Technologies AG

Part # XC2230L
Description  16/32-Bit Single-Chip Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2230L Datasheet(HTML) 61 Page - Infineon Technologies AG

Back Button XC2230L Datasheet HTML 57Page - Infineon Technologies AG XC2230L Datasheet HTML 58Page - Infineon Technologies AG XC2230L Datasheet HTML 59Page - Infineon Technologies AG XC2230L Datasheet HTML 60Page - Infineon Technologies AG XC2230L Datasheet HTML 61Page - Infineon Technologies AG XC2230L Datasheet HTML 62Page - Infineon Technologies AG XC2230L Datasheet HTML 63Page - Infineon Technologies AG XC2230L Datasheet HTML 64Page - Infineon Technologies AG XC2230L Datasheet HTML 65Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 112 page
background image
XC2230L, XC2234L
XC2000 Family / Econo Line
Electrical Parameters
Data Sheet
57
V1.3, 2015-02
4
Electrical Parameters
The operating range for the XC223[04]L is defined by its electrical parameters. For
proper operation the specified limits must be respected when integrating the device in its
target environment.
4.1
General Parameters
These parameters are valid for all subsequent descriptions, unless otherwise noted.
Note: Stresses above the values listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only. Functional operation
of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for an extended time may affect device reliability.
During absolute maximum rating overload conditions (
V
IN > VDDP or VIN < VSS) the
voltage on
V
DDP pins with respect to ground (VSS) must not exceed the values
defined by the absolute maximum ratings.
Table 12
Absolute Maximum Rating Parameters
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Output current on a pin
when high value is driven
I
OH SR
-15
−−
mA
Output current on a pin
when low value is driven
I
OL SR
−−
15
mA
Overload current
I
OV SR
-5
−
5mA
1)
1) Overload condition occurs if the input voltage
V
IN is out of the absolute maximum rating range. In this case the
current must be limited to the listed values by design measures.
Absolute sum of overload
currents
Σ|I
OV|
SR
−−
50
mA
1)
Junction Temperature
T
J SR
-40
−
150
°C
Storage Temperature
T
ST SR
-65
−
150
°C
Digital supply voltage for
IO pads and voltage
regulators
V
DDP SR
-0.5
−
6.0
V
Voltage on any pin with
respect to ground (Vss)
V
IN SR
-0.5
−
V
DDP +
0.5
V
V
IN≤ VDDP(max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com