Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC2230L Datasheet(PDF) 78 Page - Infineon Technologies AG

Part # XC2230L
Description  16/32-Bit Single-Chip Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2230L Datasheet(HTML) 78 Page - Infineon Technologies AG

Back Button XC2230L Datasheet HTML 74Page - Infineon Technologies AG XC2230L Datasheet HTML 75Page - Infineon Technologies AG XC2230L Datasheet HTML 76Page - Infineon Technologies AG XC2230L Datasheet HTML 77Page - Infineon Technologies AG XC2230L Datasheet HTML 78Page - Infineon Technologies AG XC2230L Datasheet HTML 79Page - Infineon Technologies AG XC2230L Datasheet HTML 80Page - Infineon Technologies AG XC2230L Datasheet HTML 81Page - Infineon Technologies AG XC2230L Datasheet HTML 82Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 112 page
background image
XC2230L, XC2234L
XC2000 Family / Econo Line
Electrical Parameters
Data Sheet
74
V1.3, 2015-02
Figure 15
Equivalent Circuitry for Analog Inputs
Sample time and conversion time of the XC223[04]L’s A/D converters are
programmable. The timing above can be calculated using Table 23.
The limit values for
f
ADCI must not be exceeded when selecting the prescaler value.
Wakeup time from analog
powerdown, fast mode
t
WAF CC
−−
8.5
μs
Wakeup time from analog
powerdown, slow mode
t
WAS CC
−−
15.0
μs
1) These parameter values cover the complete operating range. Under relaxed operating conditions
(temperature, supply voltage) typical values can be used for calculation.
2) The sum of DNL/INL/GAIN/OFF errors does not exceed the related TUE total unadjusted error.
3) If a reduced analog reference voltage between 1V and
V
DDPB / 2 is used, then there are additional decrease
in the ADC speed and accuracy.
4) If the analog reference voltage range is below
V
DDPB but still in the defined range of VDDPB / 2 and VDDPB is
used, then the ADC converter errors increase. If the reference voltage is reduced by the factor k (k<1), TUE,
DNL, INL, Gain and Offset errors increase also by the factor 1/k.
5) If the analog reference voltage is >
V
DDPB, then the ADC converter errors increase.
6) TUE is based on 12-bit conversion.
7) TUE is tested at
V
AREF = VDDPB = 3.3 V, VAGND = 0 V. It is verified by design for all other voltages within the
defined voltage range. The specified TUE is valid only if the absolute sum of input overload currents on analog
port pins (see
I
OV specification) does not exceed 10 mA, and if VAREF and VAGND remain stable during the
measurement time.
Table 22
ADC Parameters for Lower Voltage Range (cont’d)
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
A/D Converter
MCS05570
R
Source
V
AIN
C
Ext
C
AINT
C
AINS
-
R
AIN, On
C
AINS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com