Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC2230L Datasheet(PDF) 44 Page - Infineon Technologies AG

Part # XC2230L
Description  16/32-Bit Single-Chip Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2230L Datasheet(HTML) 44 Page - Infineon Technologies AG

Back Button XC2230L Datasheet HTML 40Page - Infineon Technologies AG XC2230L Datasheet HTML 41Page - Infineon Technologies AG XC2230L Datasheet HTML 42Page - Infineon Technologies AG XC2230L Datasheet HTML 43Page - Infineon Technologies AG XC2230L Datasheet HTML 44Page - Infineon Technologies AG XC2230L Datasheet HTML 45Page - Infineon Technologies AG XC2230L Datasheet HTML 46Page - Infineon Technologies AG XC2230L Datasheet HTML 47Page - Infineon Technologies AG XC2230L Datasheet HTML 48Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 112 page
background image
XC2230L, XC2234L
XC2000 Family / Econo Line
Functional Description
Data Sheet
40
V1.3, 2015-02
3.9
General Purpose Timer (GPT12E) Unit
The GPT12E unit is a very flexible multifunctional timer/counter structure which can be
used for many different timing tasks such as event timing and counting, pulse width and
duty cycle measurements, pulse generation, or pulse multiplication.
The GPT12E unit incorporates five 16-bit timers organized in two separate modules,
GPT1 and GPT2. Each timer in each module may either operate independently in a
number of different modes or be concatenated with another timer of the same module.
Each of the three timers T2, T3, T4 of module GPT1 can be configured individually for
one of four basic modes of operation: Timer, Gated Timer, Counter, and Incremental
Interface Mode. In Timer Mode, the input clock for a timer is derived from the system
clock and divided by a programmable prescaler. Counter Mode allows timer clocking in
reference to external events.
Pulse width or duty cycle measurement is supported in Gated Timer Mode, where the
operation of a timer is controlled by the ‘gate’ level on an external input pin. For these
purposes each timer has one associated port pin (TxIN) which serves as a gate or clock
input. The maximum resolution of the timers in module GPT1 is 4 system clock cycles.
The counting direction (up/down) for each timer can be programmed by software or
altered dynamically by an external signal on a port pin (TxEUD), e.g. to facilitate position
tracking.
In Incremental Interface Mode the GPT1 timers can be directly connected to the
incremental position sensor signals A and B through their respective inputs TxIN and
TxEUD. Direction and counting signals are internally derived from these two input
signals, so that the contents of the respective timer Tx corresponds to the sensor
position. The third position sensor signal TOP0 can be connected to an interrupt input.
Timer T3 has an output toggle latch (T3OTL) which changes its state on each timer
overflow/underflow. The state of this latch may be output on pin T3OUT e.g. for time out
monitoring of external hardware components. It may also be used internally to clock
timers T2 and T4 for measuring long time periods with high resolution.
In addition to the basic operating modes, T2 and T4 may be configured as reload or
capture register for timer T3. A timer used as capture or reload register is stopped. The
contents of timer T3 is captured into T2 or T4 in response to a signal at the associated
input pin (TxIN). Timer T3 is reloaded with the contents of T2 or T4, triggered either by
an external signal or a selectable state transition of its toggle latch T3OTL. When both
T2 and T4 are configured to alternately reload T3 on opposite state transitions of T3OTL
with the low and high times of a PWM signal, this signal can be continuously generated
without software intervention.
Note: Signals T2IN, T2EUD, T4EUD, T6IN and T6EUD are not connected to pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com