Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC2230L Datasheet(PDF) 85 Page - Infineon Technologies AG

Part # XC2230L
Description  16/32-Bit Single-Chip Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2230L Datasheet(HTML) 85 Page - Infineon Technologies AG

Back Button XC2230L Datasheet HTML 81Page - Infineon Technologies AG XC2230L Datasheet HTML 82Page - Infineon Technologies AG XC2230L Datasheet HTML 83Page - Infineon Technologies AG XC2230L Datasheet HTML 84Page - Infineon Technologies AG XC2230L Datasheet HTML 85Page - Infineon Technologies AG XC2230L Datasheet HTML 86Page - Infineon Technologies AG XC2230L Datasheet HTML 87Page - Infineon Technologies AG XC2230L Datasheet HTML 88Page - Infineon Technologies AG XC2230L Datasheet HTML 89Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 112 page
background image
XC2230L, XC2234L
XC2000 Family / Econo Line
Electrical Parameters
Data Sheet
81
V1.3, 2015-02
Access to the XC223[04]L Flash modules is controlled by the IMB. Built-in prefetch
mechanisms optimize the performance for sequential access.
Flash access waitstates only affect non-sequential access. Due to prefetch
mechanisms, the performance for sequential access (depending on the software
structure) is only partially influenced by waitstates.
Number of erase cycles
N
ER SR
−−
15000
cycle
s
t
RET≥ 5 years;
Valid for up to
64 user
selected
sectors (data
storage)
−−
1000
cycle
s
t
RET≥ 20 years
1) All Flash module(s) can be erased/programmed while code is executed and/or data is read from only one Flash
module or from PSRAM. The Flash module that delivers code/data can, of course, not be erased/programmed.
2) Flash module 1 can be erased/programmed while code is executed and/or data is read from Flash module 0.
3) Value of IMB_IMBCTRL.WSFLASH.
4) Programming and erase times depend on the internal Flash clock source. The control state machine needs a
few system clock cycles. This increases the stated durations noticably only at extremely low system clock
frequencies.
Table 27
Flash Parameters (cont’d)
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com