Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC2230L Datasheet(PDF) 73 Page - Infineon Technologies AG

Part # XC2230L
Description  16/32-Bit Single-Chip Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2230L Datasheet(HTML) 73 Page - Infineon Technologies AG

Back Button XC2230L Datasheet HTML 69Page - Infineon Technologies AG XC2230L Datasheet HTML 70Page - Infineon Technologies AG XC2230L Datasheet HTML 71Page - Infineon Technologies AG XC2230L Datasheet HTML 72Page - Infineon Technologies AG XC2230L Datasheet HTML 73Page - Infineon Technologies AG XC2230L Datasheet HTML 74Page - Infineon Technologies AG XC2230L Datasheet HTML 75Page - Infineon Technologies AG XC2230L Datasheet HTML 76Page - Infineon Technologies AG XC2230L Datasheet HTML 77Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 112 page
background image
XC2230L, XC2234L
XC2000 Family / Econo Line
Electrical Parameters
Data Sheet
69
V1.3, 2015-02
Figure 13
Supply Current in Active Mode as a Function of Frequency
Note: Operating Conditions apply.
Table 19
Leakage Power Consumption
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Leakage supply current
1)2)
1) The supply current caused by leakage depends mainly on the junction temperature and the supply voltage.
The temperature difference between the junction temperature
T
J and the ambient temperature TA must be
taken into account. As this fraction of the supply current does not depend on device activity, it must be added
to other power consumption values.
2) All inputs (including pins configured as inputs) are set at 0 V to 0.1 V or at
V
DDP - 0.1 V to VDDP and all outputs
(including pins configured as outputs) are disconnected.
I
LK1 CC
−
0.03
0.04
mA
T
J=25°C
−
0.4
1.1
mA
T
J=85°C
−
1.7
4.9
mA
T
J=125 °C
−
3.5
10.7
mA
T
J=150 °C
MC_XC2XL_IS
fSYS [MHz]
IS [mA]
10
20
40
20
40
80
60
50
60
70
ISACTtyp
ISACTmax
30
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com