Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC2230L Datasheet(PDF) 71 Page - Infineon Technologies AG

Part # XC2230L
Description  16/32-Bit Single-Chip Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2230L Datasheet(HTML) 71 Page - Infineon Technologies AG

Back Button XC2230L Datasheet HTML 67Page - Infineon Technologies AG XC2230L Datasheet HTML 68Page - Infineon Technologies AG XC2230L Datasheet HTML 69Page - Infineon Technologies AG XC2230L Datasheet HTML 70Page - Infineon Technologies AG XC2230L Datasheet HTML 71Page - Infineon Technologies AG XC2230L Datasheet HTML 72Page - Infineon Technologies AG XC2230L Datasheet HTML 73Page - Infineon Technologies AG XC2230L Datasheet HTML 74Page - Infineon Technologies AG XC2230L Datasheet HTML 75Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 112 page
background image
XC2230L, XC2234L
XC2000 Family / Econo Line
Electrical Parameters
Data Sheet
67
V1.3, 2015-02
4.3.3
Power Consumption
The power consumed by the XC223[04]L depends on several factors such as supply
voltage, operating frequency, active circuits, and operating temperature. The power
consumption specified here consists of two components:
•
The switching current
I
S depends on the device activity
•
The leakage current
I
LK depends on the device temperature
To determine the actual power consumption, always both components, switching current
I
S and leakage current ILK must be added:
I
DDP = IS + ILK.
Note: The power consumption values are not subject to production test. They are
verified by design/characterization.
To determine the total power consumption for dimensioning the external power
supply, also the pad driver currents must be considered.
The given power consumption parameters and their values refer to specific operating
conditions:
•
Active mode:
Regular operation, i.e. peripherals are active, code execution out of Flash.
•
Stopover mode:
Crystal oscillator and PLL stopped, Flash switched off, clock in most parts of domain
DMP_M stopped.
Note: The maximum values cover the complete specified operating range of all
manufactured devices.
The typical values refer to average devices under typical conditions, such as
nominal supply voltage, room temperature, application-oriented activity.
After a power reset, the decoupling capacitors for
V
DDIM are charged with the
maximum possible current.
For additional information, please refer to Section 5.2, Thermal Considerations.
Note: Operating Conditions apply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com