Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC2230L Datasheet(PDF) 62 Page - Infineon Technologies AG

Part # XC2230L
Description  16/32-Bit Single-Chip Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2230L Datasheet(HTML) 62 Page - Infineon Technologies AG

Back Button XC2230L Datasheet HTML 58Page - Infineon Technologies AG XC2230L Datasheet HTML 59Page - Infineon Technologies AG XC2230L Datasheet HTML 60Page - Infineon Technologies AG XC2230L Datasheet HTML 61Page - Infineon Technologies AG XC2230L Datasheet HTML 62Page - Infineon Technologies AG XC2230L Datasheet HTML 63Page - Infineon Technologies AG XC2230L Datasheet HTML 64Page - Infineon Technologies AG XC2230L Datasheet HTML 65Page - Infineon Technologies AG XC2230L Datasheet HTML 66Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 112 page
background image
XC2230L, XC2234L
XC2000 Family / Econo Line
Electrical Parameters
Data Sheet
58
V1.3, 2015-02
4.1.1
Operating Conditions
The following operating conditions must not be exceeded to ensure correct operation of
the XC223[04]L. All parameters specified in the following sections refer to these
operating conditions, unless otherwise noticed.
Note: Typical parameter values refer to room temperature and nominal supply voltage,
minimum/maximum
parameter
values
also
include
conditions
of
minimum/maximum
temperature
and
minimum/maximum
supply
voltage.
Additional details are described where applicable.
Table 13
Operating Conditions
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Voltage Regulator Buffer
Capacitance for DMP_M
C
EVRM
SR
1.0
−
4.7
μF
1)2)
External Load
Capacitance
C
L SR
−
20
3)
−
pF
pin out
driver= default
4)
System frequency
f
SYS SR
−−
80
MHz
5)
Overload current for
analog inputs
6)
I
OVA SR
-2
−
5
mA
not subject to
production test
Overload current for digital
inputs
6)
I
OVD SR
-5
−
5
mA
not subject to
production test
Overload current coupling
factor for analog inputs
7)
K
OVA
CC
−
2.5 x
10
-4
1.5 x
10
-3
-
I
OV< 0 mA; not
subject to
production test
−
1.0 x
10
-6
1.0 x
10
-4
-
I
OV> 0 mA; not
subject to
production test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com