Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC2230L Datasheet(PDF) 53 Page - Infineon Technologies AG

Part # XC2230L
Description  16/32-Bit Single-Chip Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2230L Datasheet(HTML) 53 Page - Infineon Technologies AG

Back Button XC2230L Datasheet HTML 49Page - Infineon Technologies AG XC2230L Datasheet HTML 50Page - Infineon Technologies AG XC2230L Datasheet HTML 51Page - Infineon Technologies AG XC2230L Datasheet HTML 52Page - Infineon Technologies AG XC2230L Datasheet HTML 53Page - Infineon Technologies AG XC2230L Datasheet HTML 54Page - Infineon Technologies AG XC2230L Datasheet HTML 55Page - Infineon Technologies AG XC2230L Datasheet HTML 56Page - Infineon Technologies AG XC2230L Datasheet HTML 57Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 112 page
background image
XC2230L, XC2234L
XC2000 Family / Econo Line
Functional Description
Data Sheet
49
V1.3, 2015-02
3.13
MultiCAN Module
The MultiCAN module contains two independently operating CAN nodes with Full-CAN
functionality which are able to exchange Data and Remote Frames using a gateway
function. Transmission and reception of CAN frames is handled in accordance with CAN
specification V2.0 B (active). Each CAN node can receive and transmit standard frames
with 11-bit identifiers as well as extended frames with 29-bit identifiers.
The two CAN nodes share a common set of message objects. Each message object can
be individually allocated to either of the CAN nodes. Besides serving as a storage
container for incoming and outgoing frames, message objects can be combined to build
gateways between the CAN nodes or to set up a FIFO buffer.
The message objects are organized in double-chained linked lists, where each CAN
node has its own list of message objects. A CAN node stores frames only into message
objects that are allocated to its own message object list and it transmits only messages
belonging to this message object list. A powerful, command-driven list controller
performs all message object list operations.
Figure 11
Block Diagram of MultiCAN Module
mc_multican_block.vsd
MultiCAN Module Kernel
Interrupt
Control
fCAN
Port
Control
CAN Control
Message
Object
Buffer
CAN
Node 0
Linked
List
Control
Clock
Control
Address
Decoder
CAN
Node n
TXDCn
RXDCn
TXDC0
RXDC0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com