Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC2230L Datasheet(PDF) 87 Page - Infineon Technologies AG

Part # XC2230L
Description  16/32-Bit Single-Chip Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2230L Datasheet(HTML) 87 Page - Infineon Technologies AG

Back Button XC2230L Datasheet HTML 83Page - Infineon Technologies AG XC2230L Datasheet HTML 84Page - Infineon Technologies AG XC2230L Datasheet HTML 85Page - Infineon Technologies AG XC2230L Datasheet HTML 86Page - Infineon Technologies AG XC2230L Datasheet HTML 87Page - Infineon Technologies AG XC2230L Datasheet HTML 88Page - Infineon Technologies AG XC2230L Datasheet HTML 89Page - Infineon Technologies AG XC2230L Datasheet HTML 90Page - Infineon Technologies AG XC2230L Datasheet HTML 91Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 112 page
background image
XC2230L, XC2234L
XC2000 Family / Econo Line
Electrical Parameters
Data Sheet
83
V1.3, 2015-02
4.7.2
Definition of Internal Timing
The internal operation of the XC223[04]L is controlled by the internal system clock
f
SYS.
Because the system clock signal
f
SYS can be generated from a number of internal and
external sources using different mechanisms, the duration of the system clock periods
(TCSs) and their variation (as well as the derived external timing) depend on the
mechanism used to generate
f
SYS. This must be considered when calculating the timing
for the XC223[04]L.
Figure 18
Generation Mechanisms for the System Clock
Note: The example of PLL operation shown in Figure 18 uses a PLL factor of 1:4; the
example of prescaler operation uses a divider factor of 2:1.
The specification of the external timing (AC Characteristics) depends on the period of the
system clock (TCS).
M C_XC2X_CLOCKGEN
Phase Locked Loop Operation (1:N)
f
IN
Direct Clock Drive (1:1)
Prescaler Operation (N:1)
f
SYS
f
IN
f
SYS
f
IN
f
SYS
TCS
TCS
TCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com