Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC2230L Datasheet(PDF) 55 Page - Infineon Technologies AG

Part # XC2230L
Description  16/32-Bit Single-Chip Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2230L Datasheet(HTML) 55 Page - Infineon Technologies AG

Back Button XC2230L Datasheet HTML 51Page - Infineon Technologies AG XC2230L Datasheet HTML 52Page - Infineon Technologies AG XC2230L Datasheet HTML 53Page - Infineon Technologies AG XC2230L Datasheet HTML 54Page - Infineon Technologies AG XC2230L Datasheet HTML 55Page - Infineon Technologies AG XC2230L Datasheet HTML 56Page - Infineon Technologies AG XC2230L Datasheet HTML 57Page - Infineon Technologies AG XC2230L Datasheet HTML 58Page - Infineon Technologies AG XC2230L Datasheet HTML 59Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 112 page
background image
XC2230L, XC2234L
XC2000 Family / Econo Line
Functional Description
Data Sheet
51
V1.3, 2015-02
When clocked by
f
SYS = 80 MHz, time intervals between 12.5 ns and 13.4 s can be
monitored.
When clocked by
f
WU = 500 kHz, time intervals between 2.0 µs and 2147.5 s can be
monitored.
The default Watchdog Timer interval after power-up is 0.13 s (@
f
WU = 500 kHz).
3.16
Clock Generation
The Clock Generation Unit can generate the system clock signal
f
SYS for the XC223[04]L
from a number of external or internal clock sources:
•
External clock signals with pad voltage or core voltage levels
•
External crystal or resonator using the on-chip oscillator
•
On-chip clock source for operation without crystal/resonator
•
Wake-up clock (ultra-low-power) to further reduce power consumption
The programmable on-chip PLL with multiple prescalers generates a clock signal for
maximum system performance from standard crystals, a clock input signal, or from the
on-chip clock source. See also Section 4.7.2.
The Oscillator Watchdog (OWD) generates an interrupt if the crystal oscillator frequency
falls below a certain limit or stops completely. In this case, the system can be supplied
with an emergency clock to enable operation even after an external clock failure.
All available clock signals can be output on the EXTCLK pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com