Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC2230L Datasheet(PDF) 91 Page - Infineon Technologies AG

Part # XC2230L
Description  16/32-Bit Single-Chip Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2230L Datasheet(HTML) 91 Page - Infineon Technologies AG

Back Button XC2230L Datasheet HTML 87Page - Infineon Technologies AG XC2230L Datasheet HTML 88Page - Infineon Technologies AG XC2230L Datasheet HTML 89Page - Infineon Technologies AG XC2230L Datasheet HTML 90Page - Infineon Technologies AG XC2230L Datasheet HTML 91Page - Infineon Technologies AG XC2230L Datasheet HTML 92Page - Infineon Technologies AG XC2230L Datasheet HTML 93Page - Infineon Technologies AG XC2230L Datasheet HTML 94Page - Infineon Technologies AG XC2230L Datasheet HTML 95Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 112 page
background image
XC2230L, XC2234L
XC2000 Family / Econo Line
Electrical Parameters
Data Sheet
87
V1.3, 2015-02
4.7.2.2
Wakeup Clock
When wakeup operation is selected (SYSCON0.CLKSEL = 00
B), the system clock is
derived from the low-frequency wakeup clock source:
f
SYS = fWU.
In this mode, a basic functionality can be maintained without requiring an external clock
source and while minimizing the power consumption.
4.7.2.3
Selecting and Changing the Operating Frequency
When selecting a clock source and the clock generation method, the required
parameters must be carefully written to the respective bit fields, to avoid unintended
intermediate states.
Many applications change the frequency of the system clock (
f
SYS) during operation in
order to optimize system performance and power consumption. Changing the operating
frequency also changes the switching currents, which influences the power supply.
To ensure proper operation of the on-chip EVRs while they generate the core voltage,
the operating frequency shall only be changed in certain steps. This prevents overshoots
and undershoots of the supply voltage.
To avoid the indicated problems, recommended sequences are provided which ensure
the intended operation of the clock system interacting with the power system.
Please refer to the Programmer’s Guide.
Table 28
System PLL Parameters
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
VCO output frequency
f
VCO CC
50
−
110
MHz
VCOSEL=00
B;
VCOmode=
controlled
10
−
40
MHz
VCOSEL=00
B;
VCOmode=free
running
100
−
160
MHz
VCOSEL=01
B;
VCOmode=
controlled
20
−
80
MHz
VCOSEL=01
B;
VCOmode=free
running



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com