Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC2230L Datasheet(PDF) 72 Page - Infineon Technologies AG

Part # XC2230L
Description  16/32-Bit Single-Chip Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2230L Datasheet(HTML) 72 Page - Infineon Technologies AG

Back Button XC2230L Datasheet HTML 68Page - Infineon Technologies AG XC2230L Datasheet HTML 69Page - Infineon Technologies AG XC2230L Datasheet HTML 70Page - Infineon Technologies AG XC2230L Datasheet HTML 71Page - Infineon Technologies AG XC2230L Datasheet HTML 72Page - Infineon Technologies AG XC2230L Datasheet HTML 73Page - Infineon Technologies AG XC2230L Datasheet HTML 74Page - Infineon Technologies AG XC2230L Datasheet HTML 75Page - Infineon Technologies AG XC2230L Datasheet HTML 76Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 112 page
background image
XC2230L, XC2234L
XC2000 Family / Econo Line
Electrical Parameters
Data Sheet
68
V1.3, 2015-02
Active Mode Power Supply Current
The actual power supply current in active mode not only depends on the system
frequency but also on the configuration of the XC223[04]L’s subsystem.
Besides the power consumed by the device logic the power supply pins also provide the
current that flows through the pin output drivers.
A small current is consumed because the drivers’ input stages are switched.
Table 18
Switching Power Consumption
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Power supply current
(active) with all peripherals
active and EVVRs on
I
SACT
CC
−
6 + 0.5
x
f
SYS
1)
1)
f
SYS in MHz
8 +
0.75 x
f
SYS
1)
mA
power_mode=
active ;
voltage_range=
both
2)3)4)
2) The pad supply voltage pins (
V
DDPB) provide the input current for the on-chip EVVRs and the current
consumed by the pin output drivers. A small current is consumed because the drivers input stages are
switched.
3) Please consider the additional conditions described in section "Active Mode Power Supply Current".
4) The pad supply voltage only has a minor influence on this parameter.
Power supply current in
stopover mode, EVVRs on
I
SSO CC
−
0.7
2.0
mA
power_mode=
stopover ;
voltage_range=
both



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com