Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC2230L Datasheet(PDF) 65 Page - Infineon Technologies AG

Part # XC2230L
Description  16/32-Bit Single-Chip Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2230L Datasheet(HTML) 65 Page - Infineon Technologies AG

Back Button XC2230L Datasheet HTML 61Page - Infineon Technologies AG XC2230L Datasheet HTML 62Page - Infineon Technologies AG XC2230L Datasheet HTML 63Page - Infineon Technologies AG XC2230L Datasheet HTML 64Page - Infineon Technologies AG XC2230L Datasheet HTML 65Page - Infineon Technologies AG XC2230L Datasheet HTML 66Page - Infineon Technologies AG XC2230L Datasheet HTML 67Page - Infineon Technologies AG XC2230L Datasheet HTML 68Page - Infineon Technologies AG XC2230L Datasheet HTML 69Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 112 page
background image
XC2230L, XC2234L
XC2000 Family / Econo Line
Electrical Parameters
Data Sheet
61
V1.3, 2015-02
4.3
DC Parameters
These parameters are static or average values that may be exceeded during switching
transitions (e.g. output current).
The XC223[04]L can operate within a wide supply voltage range from 3.0 V to 5.5 V.
However, during operation this supply voltage must remain within 10 percent of the
selected nominal supply voltage. It cannot vary across the full operating voltage range.
Because of the supply voltage restriction and because electrical behavior depends on
the supply voltage, the parameters are specified separately for the upper and the lower
voltage range.
During operation, the supply voltages may only change with a maximum speed of
dV/dt < 1 V/ms.
Leakage current is strongly dependent on the operating temperature and the voltage
level at the respective pin. The maximum values in the following tables apply under worst
case conditions, i.e. maximum temperature and an input level equal to the supply
voltage.
The value for the leakage current in an application can be determined by using the
respective leakage derating formula (see tables) with values from that application.
The pads of the XC223[04]L are designed to operate in various driver modes. The DC
parameter specifications refer to the pad current limits specified in Section 4.7.4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com