Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC2230L Datasheet(PDF) 70 Page - Infineon Technologies AG

Part # XC2230L
Description  16/32-Bit Single-Chip Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2230L Datasheet(HTML) 70 Page - Infineon Technologies AG

Back Button XC2230L Datasheet HTML 66Page - Infineon Technologies AG XC2230L Datasheet HTML 67Page - Infineon Technologies AG XC2230L Datasheet HTML 68Page - Infineon Technologies AG XC2230L Datasheet HTML 69Page - Infineon Technologies AG XC2230L Datasheet HTML 70Page - Infineon Technologies AG XC2230L Datasheet HTML 71Page - Infineon Technologies AG XC2230L Datasheet HTML 72Page - Infineon Technologies AG XC2230L Datasheet HTML 73Page - Infineon Technologies AG XC2230L Datasheet HTML 74Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 112 page
background image
XC2230L, XC2234L
XC2000 Family / Econo Line
Electrical Parameters
Data Sheet
66
V1.3, 2015-02
Input high voltage (all
except XTAL1)
V
IH SR
0.7 x
V
DDP
−
V
DDP +
0.3
V
Input low voltage
(all except XTAL1)
V
IL SR
-0.3
−
0.3 x
V
DDP
V
Output High voltage
6)
V
OH CC
V
DDP -
1.0
−−
V
I
OH≥ IOHmax
V
DDP -
0.4
−−
V
I
OH≥ IOHnom
7)
Output Low Voltage
6)
V
OL CC
−−
0.4
V
I
OL≤ IOLnom
8)
−−
1.0
V
I
OL≤ IOLmax
1) Not subject to production test - verified by design/characterization. Hysteresis is implemented to avoid
metastable states and switching due to internal ground bounce. It cannot suppress switching due to external
system noise under all conditions.
2) If the input voltage exceeds the respective supply voltage due to ground bouncing (
V
IN < VSS) or supply ripple
(
V
IN > VDDP), a certain amount of current may flow through the protection diodes. This current adds to the
leakage current. An additional error current (
I
INJ) will flow if an overload current flows through an adjacent pin.
Please refer to the definition of the overload coupling factor
K
OV.
3) The given values are worst-case values. In production test, this leakage current is only tested at 125 °C; other
values are ensured by correlation. For derating, please refer to the following descriptions: Leakage derating
depending on temperature (
T
J = junction temperature [°C]): IOZ = 0.05 x e
(1.5 + 0.028 x TJ>) [
μA]. For example, at
a temperature of 95 °C the resulting leakage current is 3.2
μA. Leakage derating depending on voltage level
(DV =
V
DDP - VPIN [V]): IOZ = IOZtempmax - (1.6 x DV) (μA]. This voltage derating formula is an approximation
which applies for maximum temperature.
4) Drive the indicated minimum current through this pin to change the default pin level driven by the enabled pull
device.
5) Limit the current through this pin to the indicated value so that the enabled pull device can keep the default
pin level.
6) The maximum deliverable output current of a port driver depends on the selected output driver mode. This
specification is not valid for outputs which are switched to open drain mode. In this case the respective output
will float and the voltage is determined by the external circuit.
7) As a rule, with decreasing output current the output levels approach the respective supply level (VOL->VSS,
VOH->VDDP). However, only the levels for nominal output currents are verified.
8) As a rule, with decreasing output current the output levels approach the respective supply level (
V
OL->VSS,
V
OH->VDDP). However, only the levels for nominal output currents are verified.
Table 17
DC Characteristics for Lower Voltage Range (cont’d)
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com