Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC2230L Datasheet(PDF) 75 Page - Infineon Technologies AG

Part # XC2230L
Description  16/32-Bit Single-Chip Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2230L Datasheet(HTML) 75 Page - Infineon Technologies AG

Back Button XC2230L Datasheet HTML 71Page - Infineon Technologies AG XC2230L Datasheet HTML 72Page - Infineon Technologies AG XC2230L Datasheet HTML 73Page - Infineon Technologies AG XC2230L Datasheet HTML 74Page - Infineon Technologies AG XC2230L Datasheet HTML 75Page - Infineon Technologies AG XC2230L Datasheet HTML 76Page - Infineon Technologies AG XC2230L Datasheet HTML 77Page - Infineon Technologies AG XC2230L Datasheet HTML 78Page - Infineon Technologies AG XC2230L Datasheet HTML 79Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 112 page
background image
XC2230L, XC2234L
XC2000 Family / Econo Line
Electrical Parameters
Data Sheet
71
V1.3, 2015-02
4.4
Analog/Digital Converter Parameters
These parameters describe the conditions for optimum ADC performance.
Note: Operating Conditions apply.
Table 20
ADC Parameters for All Voltage Ranges
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Switched capacitance at
an analog input
C
AINSW
CC
−
9
20
pF
not subject to
production test
1)
1) These parameter values cover the complete operating range. Under relaxed operating conditions
(temperature, supply voltage) typical values can be used for calculation.
Total capacitance at an
analog input
C
AINT
CC
−
20
30
pF
not subject to
production test
1)
Switched capacitance at
the reference input
C
AREFSW
CC
−
15
30
pF
not subject to
production test
1)
Total capacitance at the
reference input
C
AREFT
CC
−
20
40
pF
not subject to
production test
1)
Broken wire detection
delay against VAGND
2)
t
BWG CC
−−
50
3)
Broken wire detection
delay against VAREF
2)
t
BWR CC
−−
50
4)
Conversion time for 8-bit
result
2)
t
c8 CC
(10 + STC x
t
ADCI + 2 x
t
SYS
Conversion time for 10-bit
result
2)
t
c10 CC
(12 + STC x
t
ADCI + 2 x
t
SYS
Conversion time for 12-bit
result
2)
t
c12 CC
(16 + STC x
t
ADCI + 2 x
t
SYS
Analog reference ground
V
AGND
SR
V
SS -
0.05
−
1.5
V
Analog input voltage
range
V
AIN SR
V
AGND
−
V
AREF
V
5)
Analog reference voltage
V
AREF
SR
V
AGND
+ 1.0
−
V
DDPB
+ 0.05
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com