Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC2230L Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # XC2230L
Description  16/32-Bit Single-Chip Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2230L Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button XC2230L Datasheet HTML 9Page - Infineon Technologies AG XC2230L Datasheet HTML 10Page - Infineon Technologies AG XC2230L Datasheet HTML 11Page - Infineon Technologies AG XC2230L Datasheet HTML 12Page - Infineon Technologies AG XC2230L Datasheet HTML 13Page - Infineon Technologies AG XC2230L Datasheet HTML 14Page - Infineon Technologies AG XC2230L Datasheet HTML 15Page - Infineon Technologies AG XC2230L Datasheet HTML 16Page - Infineon Technologies AG XC2230L Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 112 page
background image
XC2230L, XC2234L
XC2000 Family / Econo Line
General Device Information
Data Sheet
9
V1.3, 2015-02
2
General Device Information
The XC223[04]L series (16/32-Bit Single-Chip Microcontroller
with 32-Bit Performance) is a part of the Infineon XC2000 Family of full-feature single-
chip CMOS microcontrollers. These devices extend the functionality and performance of
the C166 Family in terms of instructions (MAC unit), peripherals, and speed. They
combine high CPU performance (up to 80 million instructions per second) with extended
peripheral functionality and enhanced IO capabilities. Optimized peripherals can be
adapted flexibly to meet the application requirements. These derivatives utilize clock
generation via PLL and internal or external clock sources. On-chip memory modules
include program Flash, program RAM, and data RAM.
Figure 1
XC223[04]L Logic Symbol
MC_XY _LOGSYMB 64
Port 2
14 bit
Port 6
4 bit
VAGND
(1)
VAREF
(1)
VDDPB
(4)
VSS
(2)
VDDIM
(2)
XTAL1
XTAL2
ESR0
Port 10
16 bit
Port 5
14 bit
via Port Pins
SPD/DAP/
JTAG
1 / 2 / 4 bit
TRST
Debug
2 bit
TESTM
PORST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com