Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC2230L Datasheet(PDF) 82 Page - Infineon Technologies AG

Part # XC2230L
Description  16/32-Bit Single-Chip Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2230L Datasheet(HTML) 82 Page - Infineon Technologies AG

Back Button XC2230L Datasheet HTML 78Page - Infineon Technologies AG XC2230L Datasheet HTML 79Page - Infineon Technologies AG XC2230L Datasheet HTML 80Page - Infineon Technologies AG XC2230L Datasheet HTML 81Page - Infineon Technologies AG XC2230L Datasheet HTML 82Page - Infineon Technologies AG XC2230L Datasheet HTML 83Page - Infineon Technologies AG XC2230L Datasheet HTML 84Page - Infineon Technologies AG XC2230L Datasheet HTML 85Page - Infineon Technologies AG XC2230L Datasheet HTML 86Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 112 page
background image
XC2230L, XC2234L
XC2000 Family / Econo Line
Electrical Parameters
Data Sheet
78
V1.3, 2015-02
Conditions for
t
SPO Timing Measurement
The time required for the transition from Power-On to Base mode is called
t
SPO. It is
measured under the following conditions:
Precondition: The pad supply is valid, i.e.
V
DDPB is above 3.0 V and remains above 3.0 V
even though the XC223[04]L is starting up. No debugger is attached.
Start condition: Power on reset is removed (PORST = 1).
End condition: External pin toggle caused by first user instruction executed from Flash
after startup.
Conditions for
t
SSO Timing Measurement
The time required for the transition from Stopover to Stopover Waked-Up mode is
called
t
SSO. It is measured under the following conditions:
Precondition: The Stopover mode has been entered using the procedure defined in the
Programmer’s Guide.
Start condition: Pin toggle on ESR pin triggering the startup sequence.
End condition: External pin toggle caused by first user instruction executed from PSRAM
after startup.
4) This value includes a hysteresis of approximately 50 mV for rising voltage.
5)
V
LV = selected SWD voltage level
6) The limit
V
LV - 0.10 V is valid for the OK1 level. The limit for the OK2 level is VLV - 0.15 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com