Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC2230L Datasheet(PDF) 98 Page - Infineon Technologies AG

Part # XC2230L
Description  16/32-Bit Single-Chip Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2230L Datasheet(HTML) 98 Page - Infineon Technologies AG

Back Button XC2230L Datasheet HTML 94Page - Infineon Technologies AG XC2230L Datasheet HTML 95Page - Infineon Technologies AG XC2230L Datasheet HTML 96Page - Infineon Technologies AG XC2230L Datasheet HTML 97Page - Infineon Technologies AG XC2230L Datasheet HTML 98Page - Infineon Technologies AG XC2230L Datasheet HTML 99Page - Infineon Technologies AG XC2230L Datasheet HTML 100Page - Infineon Technologies AG XC2230L Datasheet HTML 101Page - Infineon Technologies AG XC2230L Datasheet HTML 102Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 112 page
background image
XC2230L, XC2234L
XC2000 Family / Econo Line
Electrical Parameters
Data Sheet
94
V1.3, 2015-02
Table 33
is valid under the following conditions:
C
L=20pF;
SSC=master;
voltage_range= lower
Table 34
is
valid
under
the
following
conditions:
C
L=20pF;
SSC= slave ;
voltage_range= upper
Table 33
USIC SSC Master Mode Timing for Lower Voltage Range
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Slave select output SELO
active to first SCLKOUT
transmit edge
t
1 CC
t
SYS -
10
1)
1)
t
SYS = 1 / fSYS
−−
ns
Slave select output SELO
inactive after last
SCLKOUT receive edge
t
2 CC
t
SYS -
9
1)
−−
ns
Data output DOUT valid
time
t
3 CC
-7
−
11
ns
Receive data input setup
time to SCLKOUT receive
edge
t
4 SR
40
−−
ns
Data input DX0 hold time
from SCLKOUT receive
edge
t
5 SR
-5
−−
ns
Table 34
USIC SSC Slave Mode Timing for Upper Voltage Range
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Select input DX2 setup to
first clock input DX1
transmit edge
1)
t
10 SR
10
−−
ns
Select input DX2 hold after
last clock input DX1
receive edge
1)
t
11 SR
7
−−
ns
Receive data input setup
time to shift clock receive
edge
1)
t
12 SR
7
−−
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com