Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC2230L Datasheet(PDF) 86 Page - Infineon Technologies AG

Part # XC2230L
Description  16/32-Bit Single-Chip Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2230L Datasheet(HTML) 86 Page - Infineon Technologies AG

Back Button XC2230L Datasheet HTML 82Page - Infineon Technologies AG XC2230L Datasheet HTML 83Page - Infineon Technologies AG XC2230L Datasheet HTML 84Page - Infineon Technologies AG XC2230L Datasheet HTML 85Page - Infineon Technologies AG XC2230L Datasheet HTML 86Page - Infineon Technologies AG XC2230L Datasheet HTML 87Page - Infineon Technologies AG XC2230L Datasheet HTML 88Page - Infineon Technologies AG XC2230L Datasheet HTML 89Page - Infineon Technologies AG XC2230L Datasheet HTML 90Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 112 page
background image
XC2230L, XC2234L
XC2000 Family / Econo Line
Electrical Parameters
Data Sheet
82
V1.3, 2015-02
4.7
AC Parameters
These parameters describe the dynamic behavior of the XC223[04]L.
4.7.1
Testing Waveforms
These values are used for characterization and production testing (except pin XTAL1).
Figure 16
Input Output Waveforms
Figure 17
Floating Waveforms
M C D 05556C
0.3 V
DDP
Input S ignal
(driven by tester)
O utput S ignal
(m easured)
Hold tim e
O utput delay
O utput delay
H old tim e
O utput tim ings refer to the rising edge of C LKO U T.
Input tim ings are calculated from the tim e, w hen the input signal reaches
V
IH or V IL, re s p e c tiv e ly .
0.2 V
DDP
0.8 V
DDP
0.7 V
DDP
MCA05565
Timing
Reference
Points
V
Load + 0.1 V
V
Load - 0.1 V
V
OH - 0.1 V
V
OL + 0.1 V
For timing purposes a port pin is no longer floating when a 100 mV
change from load voltage occurs, but begins to float when a 100 mV
change from the loaded
V
OH /VOL level occurs (IOH / IOL = 20 mA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com