Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC2230L Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # XC2230L
Description  16/32-Bit Single-Chip Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2230L Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button XC2230L Datasheet HTML 11Page - Infineon Technologies AG XC2230L Datasheet HTML 12Page - Infineon Technologies AG XC2230L Datasheet HTML 13Page - Infineon Technologies AG XC2230L Datasheet HTML 14Page - Infineon Technologies AG XC2230L Datasheet HTML 15Page - Infineon Technologies AG XC2230L Datasheet HTML 16Page - Infineon Technologies AG XC2230L Datasheet HTML 17Page - Infineon Technologies AG XC2230L Datasheet HTML 18Page - Infineon Technologies AG XC2230L Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 112 page
background image
XC2230L, XC2234L
XC2000 Family / Econo Line
General Device Information
Data Sheet
11
V1.3, 2015-02
Key to Pin Definitions
•
Ctrl.: The output signal for a port pin is selected by bit field PC in the associated
register Px_IOCRy. Output O0 is selected by setting the respective bit field PC to
1x00
B, output O1 is selected by 1x01B, etc.
Output signal OH is controlled by hardware.
•
Type: Indicates the pad type and its power supply domain (B, M).
– St: Standard pad
– Sp: Special pad e.g. XTALx
– DA: Digital IO and analog input
– In: Input only pad
– PS: Power supply pad
Table 6
Pin Definitions and Functions
Pin
Symbol
Ctrl.
Type Function
2
TESTM
IIn/B
Testmode Enable
Enables factory test modes, must be held HIGH for
normal operation (connect to
V
DDPB).
An internal pullup device will hold this pin high
when nothing is driving it.
3TRST
IIn/B
Test-System Reset Input
For normal system operation, pin TRST should be
held low. A high level at this pin at the rising edge
of PORST activates the XC223[04]L’s debug
system. In this case, pin TRST must be driven low
once to reset the debug system.
An internal pulldown device will hold this pin low
when nothing is driving it.
4
P6.3
O0 / I St/B
Bit 3 of Port 6, General Purpose Input/Output
CCU63_COU
T62
O1
St/B
CCU63 Channel 2 Output
T3OUT
O2
St/B
GPT12E Timer T3 Toggle Latch Output
U1C1_SELO
0
O3
St/B
USIC1 Channel 1 Select/Control 0 Output
U1C1_DX2D
I
St/B
USIC1 Channel 1 Shift Control Input
ADC0_REQT
RyF
ISt/B
External Request Trigger Input for ADC0/1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com