Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F7X7 Datasheet(PDF) 156 Page - Microchip Technology

Part # PIC16F7X7
Description  28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F7X7 Datasheet(HTML) 156 Page - Microchip Technology

Back Button PIC16F7X7 Datasheet HTML 152Page - Microchip Technology PIC16F7X7 Datasheet HTML 153Page - Microchip Technology PIC16F7X7 Datasheet HTML 154Page - Microchip Technology PIC16F7X7 Datasheet HTML 155Page - Microchip Technology PIC16F7X7 Datasheet HTML 156Page - Microchip Technology PIC16F7X7 Datasheet HTML 157Page - Microchip Technology PIC16F7X7 Datasheet HTML 158Page - Microchip Technology PIC16F7X7 Datasheet HTML 159Page - Microchip Technology PIC16F7X7 Datasheet HTML 160Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 276 page
background image
PIC16F7X7
DS30498C-page 154
 2004 Microchip Technology Inc.
REGISTER 12-3:
ADCON2: A/D CONTROL REGISTER 2 (ADDRESS 9Bh)
The analog reference voltage is software selectable
to either the device’s positive and negative supply
voltage (VDD and VSS) or the voltage level on the
RA3/AN3/VREF+ and RA2/AN2/VREF-/CVREF pins.
The A/D converter has a unique feature of being able
to operate while the device is in Sleep mode. To
operate in Sleep, the A/D conversion clock must be
derived from the A/D’s internal RC oscillator.
The output of the sample and hold is the input into the
converter which generates the result via successive
approximation.
A device Reset forces all registers to their Reset state.
This forces the A/D module to be turned off and any
conversion in progress is aborted.
Each port pin associated with the A/D converter can be
configured as an analog input or as a digital I/O. The
ADRESH and ADRESL registers contain the result of
the A/D conversion. When the A/D conversion is com-
plete, the result is loaded into the ADRESH/ADRESL
registers, the GO/DONE bit (ADCON0 register) is
cleared and A/D Interrupt Flag bit, ADIF, is set. The block
diagram of the A/D module is shown in Figure 12-1.
U-0
U-0
R/W-0
R/W-0
R/W-0
U-0
U-0
U-0
ACQT2
ACQT1
ACQT0
bit 7
bit 0
bit 7-6
Unimplemented: Read as ‘0’
bit 5-3
ACQT<2:0>: A/D Acquisition Time Select bits
000
=0(1)
001
=2 TAD
010
=4 TAD
011
=6 TAD
100
=8 TAD
101
=12TAD
110
=16 TAD
111
=20 TAD
Note 1: If the A/D clock source is selected as RC, a time of TCY is added before the A/D
clock starts. This allows the SLEEP instruction to be executed.
bit 2-0
Unimplemented: Read as ‘0’
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com