Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP90100MHE/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LMP90100MHE/NOPB
Description  LMP90100/LMP90099/LMP90098/LMP90097 Sensor AFE System: Multi-Channel, Low Power 24-Bit Sensor AFE with True Continuous Background Calibration
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP90100MHE/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LMP90100MHE/NOPB Datasheet HTML 10Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 11Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 12Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 13Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 14Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 15Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 16Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 17Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 69 page
background image
SCLK
SDO
tDOD2
0.7VIO
0.9VIO
0.1VIO
DB0
SCLK
SDO
0.1 VIO
0.3 VIO
0.9 VIO
DB0
tDOD2 (optional,
SW_OFF_TRG = 1)
CSB
SDO
tDOD1
0.7VIO
0.9VIO
0.1VIO
DB0
SCLK
SDO
DB
DB
0.3VIO
0.7VIO
tDOH
t DOA
0.7VIO
0.3VIO
0.3VIO
SCLK
SDI
DB
0.3VIO
0.7VIO
0.3VIO
0.7VIO
0.7VIO
t DIH
tDISU
SCLK
0.9VIO
0.1VIO
t CLKF
t CLKR
0.1VIO
0.9VIO
LMP90100
SNAS510P – JANUARY 2011 – REVISED MARCH 2013
www.ti.com
Symbol
Parameter
Conditions
Min
Typical
Max
Units
tCLKR
SCLK Rise time
1.15
ns
tCLKF
SCLK Fall time
1.15
ns
SDI Setup time prior to an SCLK
5
ns
tDISU
rising edge
SDI Hold time after an SCLK rising
6
ns
tDIH
edge
Symbol
Parameter
Conditions
Min
Typical
Max
Units
SDO Access time after an SCLK
tDOA
35
ns
falling edge
SDO Hold time after an SCLK
tDOH
5
ns
falling edge
SDO Disable time after the rising
tDOD1
5
ns
edge of CSB
Symbol
Parameter
Conditions
Min
Typical
Max
Units
SDO Disable time after either edge
tDOD2
27
ns
of SCLK
14
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LMP90100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com