Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP90100MHE/NOPB Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # LMP90100MHE/NOPB
Description  LMP90100/LMP90099/LMP90098/LMP90097 Sensor AFE System: Multi-Channel, Low Power 24-Bit Sensor AFE with True Continuous Background Calibration
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP90100MHE/NOPB Datasheet(HTML) 59 Page - Texas Instruments

Back Button LMP90100MHE/NOPB Datasheet HTML 55Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 56Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 57Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 58Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 59Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 60Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 61Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 62Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 69 page
background image
LMP90100
www.ti.com
SNAS510P – JANUARY 2011 – REVISED MARCH 2013
Table 21. SCALCN: System Calibration Control (Address 0x17)
Bit
Bit Symbol
Bit Description
[7:2]
Reserved
-
System Calibration Control
When written, set SCALCN to:
0x0 (default): Normal Mode
0x1: “System Calibration Offset Coefficient Determination” mode
0x2: “System Calibration Gain Coefficient Determination” mode
0x3: Reserved
[1:0]
SCALCN
When read, this bit indicates the system calibration mode is in:
0x0: Normal Mode
0x1: "System Calibration Offset Coefficient Determination" mode
0x2: "System Calibration Gain Coefficient Determination" mode
0x3: Reserved
Note: when read, this bit will indicate the current System Calibration status. Since this coefficient
determination mode will only take 1 conversion cycle, reading this register will only return 0x00,
unless this register is read within 1 conversion window.
Table 22. CHx_SCAL_OFFSET: CH0-CH3 System Calibration Offset Registers (Two's-Complement)
ADDR
Name
Description
CH0
CH1
CH2
CH3
0x30
0x38
0x40
0x48
CHx_SCAL_OFFSETH
System Calibration Offset Coefficient Data [23:16]
0x31
0x39
0x41
0x49
CHx_SCAL_OFFSETM
System Calibration Offset Coefficient Data [15:8]
0x32
0x3A
0x42
0x4A
CHx_SCAL_OFFSETL
System Calibration Offset Coefficient Data[7:0]
Table 23. CHx_SCAL_GAIN: CH0-CH3 System Calibration Gain Registers (Fixed Point 1.23 Format)
ADDR
Name
Description
CH0
CH1
CH2
CH3
0x33
0x3B
0x43
0x4B
CHx_SCAL_GAINH
System Calibration Gain Coefficient Data [23:16]
0x34
0x3C
0x44
0x4C
CHx_SCAL_GAINM
System Calibration Gain Coefficient Data [15:8]
0x35
0x3D
0x45
0x4D
CHx_SCAL_GAINL
System Calibration Gain Coefficient Data[7:0]
Table 24. CHx_SCAL_SCALING: CH0-CH3 System Calibration Scaling Coefficient Registers
ADDR
Name
Description
CH0
CH1
CH2
CH3
0x36
0x3E
0x46
0x4E
CHx_SCAL_SCALING
System Calibration Scaling Coefficient Data [5:0]
Table 25. CHx_SCAL_BITS_SELECTOR: CH0-CH3 System Calibration Bits Selector Registers
ADDR
Name
Description
CH0
CH1
CH2
CH3
0x37
0x3F
0x47
0x4F
CHx_SCAL_BITS_SELECTOR
System Calibration Bits Selection Data [2:0]
SENSOR DIAGNOSTIC REGISTERS
Table 26. SENDIAG_THLD: Sensor Diagnostic Threshold (Address 0x14 - 0x15)
Address
Name
Register Description
0x14
SENDIAG_THLDH
Sensor Diagnostic threshold [15:8]
0x15
SENDIAG_THLDL
Sensor Diagnostic threshold [7:0]
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
59
Product Folder Links: LMP90100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com