Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP90100MHE/NOPB Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # LMP90100MHE/NOPB
Description  LMP90100/LMP90099/LMP90098/LMP90097 Sensor AFE System: Multi-Channel, Low Power 24-Bit Sensor AFE with True Continuous Background Calibration
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP90100MHE/NOPB Datasheet(HTML) 52 Page - Texas Instruments

Back Button LMP90100MHE/NOPB Datasheet HTML 48Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 49Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 50Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 51Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 52Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 53Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 54Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 55Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 69 page
background image
VREFN1
VREFP1
VIN4
VIN3
VA
+
1 PF
0.1 PF
+
1 PF
0.1 PF
VIO
LMP90100
XOUT
XIN/CLK
SCLK
CSB
SDO
SDI
D6 = DRDYB
Microcontroller
5V
2.7V
LM94022
IC Temp
Sensor
Thot
Tcold
+
TC [ VIN4 ± VIN3]
-
Tcold
VIN5
VREFP1
Thermocouple
2k
2k
2.2 PF
10 nF
10 nF
LM4140-4.1
+
0.1 PF
0.1 PF
+
1 PF
0.1 PF
5V
5V
VIN7
+
LM [ VIN5]
-
GND
1 PF
LMP90100
SNAS510P – JANUARY 2011 – REVISED MARCH 2013
www.ti.com
Thermocouple and IC Analog Temperature
Figure 72. Thermocouple with CJC
The LMP90xxx is also ideal for thermocouple temperature applications. Thermocouples have several advantages
that make them popular in many industrial and medical applications. Compare to RTDs, thermistors, and IC
sensors, thermocouples are the most rugged, least expensive, and can operate over the largest temperature
range.
A thermocouple is a sensor whose junction generates a differential voltage, VIN, that is relative to the
temperature difference (Thot – Tcold). Thot is also known as the measuring junction or “hot” junction, which is
placed at the measured environment. Tcold is also known as the reference or “cold” junction, which is placed at
the measuring system environment.
Because a thermocouple can only measure a temperature difference, it does not have the ability to measure
absolute temperature. To determine the absolute temperature of the measured environment (Thot), a technique
known as cold junction compensation (CJC) must be used.
In a CJC technique, the “cold” junction temperature, Tcold, is sensed by using an IC temperature sensor, such
as the LM94022. The temperature sensor should be placed within close proximity of the reference junction and
should have an isothermal connection to the board to minimize any potential temperature gradients.
Once Tcold is obtained, use a standard thermocouple look-up-table to find its equivalent voltage. Next, measure
the differential thermocouple voltage and add the equivalent cold junction voltage. Lastly, convert the resulting
voltage to temperature using a standard thermocouple look-up-table.
For example, assume Tcold = 20°C. The equivalent voltage from a type K thermocouple look-up-table is 0.798
mV. Next, add the measured differential thermocouple voltage to the Tcold equivalent voltage. For example, if
the thermocouple voltage is 4.096 mV, the total would be 0.798 mV + 4.096 mV = 4.894 mV. Referring to the
type K thermocouple table gives a temperature of 119.37°C for 4.894 mV.
52
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LMP90100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com