Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP90100MHE/NOPB Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LMP90100MHE/NOPB
Description  LMP90100/LMP90099/LMP90098/LMP90097 Sensor AFE System: Multi-Channel, Low Power 24-Bit Sensor AFE with True Continuous Background Calibration
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP90100MHE/NOPB Datasheet(HTML) 22 Page - Texas Instruments

Back Button LMP90100MHE/NOPB Datasheet HTML 18Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 19Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 20Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 21Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 22Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 23Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 24Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 25Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 69 page
background image
LMP90100
SNAS510P – JANUARY 2011 – REVISED MARCH 2013
www.ti.com
FUNCTIONAL DESCRIPTION
Throughout this datasheet, the LMP90100/LMP90099/LMP90098/LMP90097 will be referred to as the
LMP90xxx.
The LMP90xxx is a low-power 24-Bit
ΣΔ ADC with 4 fully differential / 7 single-ended analog channels for the
LMP90100/LMP90099 and 2 full differential / 4 single-ended for the LMP90098/LMP90097. Its serial data output
is two’s complement format. The output data rate (ODR) ranges from 1.6775 SPS to 214.65 SPS.
The serial communication for LMP90xxx is SPI, a synchronous serial interface that operates using 4 pins: chip
select bar (CSB), serial clock (SCLK), serial data in (SDI), and serial data out / data ready bar (SDO/DRYDYB).
True continuous built-in offset and gain background calibration is also available to improve measurement
accuracy. Unlike other ADCs, the LMP90xxx’s background calibration can run without heavily impacting the input
signal. This unique technique allows for positive as well as negative gain calibration and is available at all gain
settings.
The registers can be found in Registers, and a detailed description of the LMP90xxx are provided in the following
sections.
SIGNAL PATH
Reference Input (VREF)
The differential reference voltage VREF (VREFP – VREFN) sets the range for VIN.
The muxed VREF allows the user to choose between VREF1 or VREF2 for each channel. This selection can be
made by programming the VREF_SEL bit in the CHx_INPUTCN registers (CHx_INPUTCN: VREF_SEL). The
default mode is VREF1. If VREF2 is used, then VIN6 and VIN7 cannot be used as inputs because they share the
same pin.
Refer to VREF for VREF applications information.
Flexible Input MUX (VIN)
LMP90xxx provides a flexible input MUX as shown in Figure 35. The input that is digitized is VIN = VINP – VINN;
where VINP and VINN can be any availablie input.
The digitized input is also known as a channel, where CH = VIN = VINP – VINN. Thus, there are a maximum of 4
differential channels: CH0, CH1, CH2, and CH3 for the LMP90100/LMP90099. The LMP90098/LMP90097 has a
maximum of 2 differential channels: CH0 and CH1 because it does not have access to the VIN3, VIN4, and VIN5
pins.
LMP90xxx can also be configured single-endedly, where the common ground is any one of the inputs. There are
a
maximum
of
7
single-ended
channels:
CH0,
CH1,
CH2,
CH3,
CH4,
CH5,
and
CH6
for
the
LMP90100/LMP90099 and 4: CH0, CH1, CH2, CH3 for the LMP90098/LMP90097.
The input MUX can be programmed in the CHx_INPUTCN registers. For example on the LMP90100, to program
CH0 = VIN = VIN4 – VIN1, go to the CH0_INPUTCN register and set:
1. VINP = 0x4
2. VINN = 0x1
22
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LMP90100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com