Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP90100MHE/NOPB Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # LMP90100MHE/NOPB
Description  LMP90100/LMP90099/LMP90098/LMP90097 Sensor AFE System: Multi-Channel, Low Power 24-Bit Sensor AFE with True Continuous Background Calibration
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP90100MHE/NOPB Datasheet(HTML) 31 Page - Texas Instruments

Back Button LMP90100MHE/NOPB Datasheet HTML 27Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 28Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 29Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 30Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 31Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 32Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 33Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 34Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 69 page
background image
1/ODR
1/ODR
SDO
LSB
D6 = drdyb
Valid
ADC_DOUT
(ADC Data 1)
MSB
LSB
Valid
ADC_DOUT
(ADC Data 2)
MSB
ADC
Data
2
ADC
Data
1
LMP90100
www.ti.com
SNAS510P – JANUARY 2011 – REVISED MARCH 2013
4. Enter the System Calibration Gain Coefficient Determination mode by programming 0x3 in the SCALCN
register.
5. LMP90xxx starts a fresh conversion at the selected output data rate for the channel. At the end of the
conversion, the CHx_SCAL_GAIN is filled-in (or overwritten) with the System Calibration Gain coefficient.
6. The System Calibration Gain Coefficient Determination mode is automatically exited.
7. The computed calibration coefficient is accurate only to the effective resolution of the device and will
probably contain some noise. The noise factor can be minimized by computing over many times, averaging
(externally) and putting the resultant value back into the register. Alternatively, select the output data rate to
be 26.83 sps or 1.67 sps.
Post-calibration Scaling
LMP90xxx allows scaling (multiplication and shifting) for the System Calibrated result. This eases downstream
processing,
if
any.
Multiplication
is
done
using
the
System
Calibration
Scaling
Coefficient
in
the
CHx_SCAL_SCALING register and shifting is done using the System Calibration Bits Selector in the
CHx_SCAL_BITS_SELECTOR register.
The System Calibration Bits Selector value should ideally be the logarithm (to the base 2) of the System
Calibration Scaling Coefficient value.
There are four distinct sets of System Calibration Scaling and System Calibration Bits Selector Registers for use
with Channels 0-3. Channels 4-6 reuse the registers of Channels 0-2, respectively.
A data-flow diagram of these coefficients can be seen in Figure 47
Figure 47. Post-calibration Scaling Data-Flow Diagram
CHANNELS SCAN MODE
There are four scan modes. These scan modes are selected using the CH_SCAN: CH_SCAN_SEL bit. The first
scanned channel is FIRST_CH, and the last scanned channel is LAST_CH; they are both located in the
CH_SCAN register.
The CH_SCAN register is double buffered. That is, user inputs are stored in a slave buffer until the start of the
next conversion during which time they are transferred to the master buffer. Once the slave buffer is written,
subsequent updates are disregarded until a transfer to the master buffer happens. Hence, it may be appropriate
to check the CH_SCAN_NRDY bit before programming the CH_SCAN register.
ScanMode0: Single-Channel Continuous Conversion
LMP90xxx continuously converts the selected FIRST_CH.
Do not operate in this scan mode if gain
≥ 16 and the LMP90xxx is running in background calibration modes
BgcalMode1 or BgcalMode2. If this is the case, then it is more suitable to operate the device in ScanMode2
instead.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: LMP90100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com