Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP90100MHE/NOPB Datasheet(PDF) 62 Page - Texas Instruments

Click here to check the latest version.
Part # LMP90100MHE/NOPB
Description  LMP90100/LMP90099/LMP90098/LMP90097 Sensor AFE System: Multi-Channel, Low Power 24-Bit Sensor AFE with True Continuous Background Calibration
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP90100MHE/NOPB Datasheet(HTML) 62 Page - Texas Instruments

Back Button LMP90100MHE/NOPB Datasheet HTML 58Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 59Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 60Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 61Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 62Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 63Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 64Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 65Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 69 page
background image
LMP90100
SNAS510P – JANUARY 2011 – REVISED MARCH 2013
www.ti.com
Table 35. GPIO_DIRCN: GPIO Direction (Address 0x0E) (continued)
Bit
Bit Symbol
Bit Description
GPIO direction control – these bits are used to control the direction of each General Purpose
Input/Outputs (GPIO) pins D0 - D6.
0 (default): Dx is an Input
1: Dx is an Output
x
GPIO_DIRCNx
where 0
≤ x ≤ 6.
For example, writing a 1 to bit 6 means D6 is an Output.
Note: If D6 is used for DRDYB, then it cannot be used for GPIO.
Table 36. GPIO_DAT: GPIO Data (Address 0x0F)
Bit
Bit Symbol
Bit Description
7
Reserved
-
Write Only - when GPIO_DIRCNx = 0
0: Dx is LO
1: Dx is HI
Read Only - when GPIO_DIRCNx = 1
0: Dx driven LO
1: Dx driven HI
x
Dx
where 0
≤ x ≤ 6.
For example, writing a 0 to bit 4 means D4 is LO.
It is okay to Read the GPIOs that are configured as outputs and write to GPIOs that are configured
as inputs. Reading the GPIOs that are outputs would return the current value on those GPIOs, and
writing to the GPIOs that are inputs are neglected
62
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LMP90100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com