Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP90100MHE/NOPB Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # LMP90100MHE/NOPB
Description  LMP90100/LMP90099/LMP90098/LMP90097 Sensor AFE System: Multi-Channel, Low Power 24-Bit Sensor AFE with True Continuous Background Calibration
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP90100MHE/NOPB Datasheet(HTML) 24 Page - Texas Instruments

Back Button LMP90100MHE/NOPB Datasheet HTML 20Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 21Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 22Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 23Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 24Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 25Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 26Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 27Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 69 page
background image
Clock
Options
Connect a XTAL
to XIN and XOUT
Connect an external
CLK source to the
XIN/CLK pin
Is there a XTAL
connected to XIN and
XOUT?
Set CLK_EXT_DET = 1 to
E\SDVV WKH ³([WHUQDO-Clock
'HWHFWLRQ´ PRGH
Yes
Set CLK_SEL = 0 to select
the internal clock
LMP90100 will use the
internal clock
No
LMP90100 will
automatically detect
and use the XTAL if
CLK_EXT_DET = 0
(default)
Internal CLK
External
XTAL
External CLK Source
LMP90100 will
automatically use the
external CLK source
LMP90100
SNAS510P – JANUARY 2011 – REVISED MARCH 2013
www.ti.com
Figure 36. CLK Register Settings
The recommended value for the external CLK is discussed in the next sections.
Programmable ODRs
If using the internal CLK or external CLK of 3.5717 MHz, then the output date rates (ODR) can be selected
(using the ODR_SEL bit) as:
1. 13.42/8 = 1.6775 SPS
2. 13.42/4 = 3.355 SPS
3. 13.42/2 = 6.71SPS
4. 13.42 SPS
5. 214.65/8 = 26.83125 SPS
6. 214.65/4 = 53.6625 SPS
7. 214.65/2 = 107.325 SPS
8. 214.65 SPS (default)
If the internal CLK is not being used and the external CLK is not 3.5717 MHz, then the ODR will be different. If
this is the case, use the equation below to calculate the new ODR values.
ODR_Base1 = (CLKEXT) / (266,240)
(3)
ODR_Base2 = (CLKEXT) / (16,640)
(4)
ODR1 = (ODR_Base1) / n, where n = 1,2,4,8
(5)
ODR2 = (ODR_Base2) / n, where n = 1,2,4,8
(6)
For example, a 3.6864 MHz XTAL or external clock has the following ODR values:
ODR_Base1 = (3.6864 MHz) / (266,240) = 13.85 SPS
(7)
ODR_Base2 = (3.6864 MHz) / (16,640) = 221.54 SPS
(8)
ODR1 = (13.85 SPS) / n = 13.85, 6.92, 3.46, 1.73 SPS
(9)
ODR2 = (221.54 SPS) / n = 221.54, 110.77, 55.38, 27.69 SPS
(10)
The ODR is channel specific, which means that one channel can have one ODR, while another channel can
have the same or a different ODR.
24
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LMP90100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com