Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP90100MHE/NOPB Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LMP90100MHE/NOPB
Description  LMP90100/LMP90099/LMP90098/LMP90097 Sensor AFE System: Multi-Channel, Low Power 24-Bit Sensor AFE with True Continuous Background Calibration
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP90100MHE/NOPB Datasheet(HTML) 23 Page - Texas Instruments

Back Button LMP90100MHE/NOPB Datasheet HTML 19Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 20Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 21Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 22Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 23Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 24Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 25Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 26Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 69 page
background image
VIN2
VIN4*
VIN3*
VREFN1
VIN6/VREFP2
ADC
VREFP1
+
-
+
-
+
-
VIN0
VIN5*
VIN1
VIN7/VREFN2
VINP
VINN
BUFF
FGA
* VIN3, VIN4, VIN5 are only available for LMP90100 and LMP90099
LMP90100
www.ti.com
SNAS510P – JANUARY 2011 – REVISED MARCH 2013
Figure 35. Simplified VIN Circuitry
Selectable Gains (FGA & PGA)
LMP90xxx provides two types of gain amplifiers: a fixed gain amplifier (FGA) and a programmable gain amplifier
(PGA). FGA has a fixed gain of 16x or it can be bypassed, while the PGA has programmable gain settings of 1x,
2x, 4x, or 8x.
Total gain is defined as FGA x PGA. Thus, LMP90xxx provides gain settings of 1x, 2x, 4x, 8x, 16x, 32x, 64x, or
128x with true continuous background calibration.
The gain is channel specific, which means that one channel can have one gain, while another channel can have
the same or a different gain.
The gain can be selected by programming the CHx_CONFIG: GAIN_SEL bits.
Buffer (BUFF)
There is an internal unity gain buffer that can be included or excluded from the signal path. Including the buffer
provides a high input impedance but increases the power consumption.
When gain
≥ 16, the buffer is automatically included in the signal path. When gain < 16, including or excluding
the buffer from the signal path can be done by programming the CHX_CONFIG: BUF_EN bit.
Internal/External CLK Selection
LMP90xxx allows two clock options: internal CLK or external CLK (crystal (XTAL) or clock source).
There is an “External Clock Detection” mode, which detects the external XTAL if it is connected to XOUT and
XIN. When operating in this mode, the LMP90xxx shuts off the internal clock to reduce power consumption.
Below is a flow chart to help set the appropriate clock registers.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LMP90100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com