Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP90100MHE/NOPB Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # LMP90100MHE/NOPB
Description  LMP90100/LMP90099/LMP90098/LMP90097 Sensor AFE System: Multi-Channel, Low Power 24-Bit Sensor AFE with True Continuous Background Calibration
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP90100MHE/NOPB Datasheet(HTML) 37 Page - Texas Instruments

Back Button LMP90100MHE/NOPB Datasheet HTML 33Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 34Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 35Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 36Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 37Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 38Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 39Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 40Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 69 page
background image
DRDYB:
SDO:
1/ODR
tDRDYB
DRDYB:
SDO:
LSB
. . .
. . .
LSB
1/ODR
LMP90100
www.ti.com
SNAS510P – JANUARY 2011 – REVISED MARCH 2013
If streaming reaches ADDR 0x7F, then it will wrap back to ADDR 0x00. Furthermore, reading back the Upper
Register Address after streaming will report the Upper Register Address at the start of streaming, not the Upper
Register Address at the end of streaming.
To stream, write 0x3 to INST2’s SZ bits as seen in Figure 51. To select the stream type, program the
SPI_STREAMCN: STRM_TYPE bit. The STRM_RANGE can also be programmed in the same register.
CSB - Chip Select Bar
An SPI transaction begins when the master asserts (active low) CSB and ends when the master deasserts
(active high) CSB. Each transaction might be separated by a subsequent one with a CSB deassertion, but this is
optional. Once CSB is asserted, it must not pulse (deassert and assert again) during a (desired) transaction.
CSB can be grounded in systems where LMP90xxx is the only SPI slave. This frees the software from handling
the CSB. Care has to be taken to avoid any false edge on SCLK, and while operating in this mode, the streaming
transaction should not be used because exiting from this mode can only be done through a CSB deassertion.
SPI Reset
SPI Reset resets the SPI-Protocol State Machine by monitoring the SDI for at least 73 consecutive 1's at each
SCLK rising edge. After an SPI Reset, SDI is monitored for a possible Write Instruction at each SCLK rising
edge.
SPI Reset will reset the Upper Address Register (URA) to 0, but the register contents are not reset.
By default, SPI reset is disabled, but it can be enabled by writing 0x01 to SPI Reset Register (ADDR 0x02).
DRDYB - Data Ready Bar
DRDYB is a signal generated by the LMP90xxx that indicates a fresh conversion data is available in the
ADC_DOUT registers.
DRDYB is automatically asserted every (1/ODR) second and deasserts when ADC_DOUT is completely read out
(LSB of ADC_DOUTL) (Figure 52).
Figure 52. DRDYB Behavior for a Complete ADC_DOUT Reading
If ADC_DOUT is not completely read out (Figure 53) or is not read out at all, but a new ADC_DOUT is available,
then DRDYB will automatically pulse for tDRDYB second. The value for tDRDYB can be found in Timing Diagrams.
Figure 53. DRDYB Behavior for an ADC_DOUT not Read
If ADC_DOUT is being read, while the new ADC_DOUT becomes available, then the ADC_DOUT that is being
read is still valid (Figure 54). DRDYB will be deasserted at the LSB of the data being read, but a consecutive
read on the ADC_DOUT register will fetch the newly converted data available.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Links: LMP90100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com