Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP90100MHE/NOPB Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # LMP90100MHE/NOPB
Description  LMP90100/LMP90099/LMP90098/LMP90097 Sensor AFE System: Multi-Channel, Low Power 24-Bit Sensor AFE with True Continuous Background Calibration
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP90100MHE/NOPB Datasheet(HTML) 55 Page - Texas Instruments

Back Button LMP90100MHE/NOPB Datasheet HTML 51Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 52Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 53Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 54Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 55Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 56Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 57Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 58Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 69 page
background image
LMP90100
www.ti.com
SNAS510P – JANUARY 2011 – REVISED MARCH 2013
Table 10. PWRCN: Power Mode Control and Status (Address 0x08)
Bit
Bit Symbol
Bit Description
[7:2]
Reserved
-
Power Control
Write Only – power down mode control
0x0: Active Mode
0x1: Power-down Mode
0x3: Stand-by Mode
[1:0]
PWRCN
Read Only – the present mode is:
0x0 (default): Active Mode
0x1: Power-down Mode
0x3: Stand-by Mode
ADC REGISTERS
Table 11. ADC_RESTART: ADC Restart Conversion (Address 0x0B)
Bit
Bit Symbol
Bit Description
[7:1]
Reserved
-
Restart conversion
0
RESTART
1: Restart conversion.
Table 12. ADC_AUXCN: ADC Auxiliary Control (Address 0x12)
Bit
Bit Symbol
Bit Description
7
Reserved
-
The System Calibration registers (CHx_SCAL_OFFSET and CHx_SCAL_GAIN) are:
6
RESET_SYSCAL
0 (default): preserved even when "REG_AND_CNV_ RST" = 0xC3.
1: reset by setting "REG_AND_CNV_ RST" = 0xC3.
External clock detection
5
CLK_EXT_DET
0 (default): "External Clock Detection" is operational
1: "External-Clock Detection" is bypassed
Clock select – only valid if CLK_EXT_DET = 1
4
CLK_SEL
0 (default): Selects internal clock
1: Selects external clock
Selects RTD Current as follows:
0x0 (default): 0 µA
0x1: 100 µA
0x2: 200 µA
0x3: 300 µA
RTD_CUR_SEL
0x4: 400 µA
[3:0]
(LMP90100 and LMP90098
0x5: 500 µA
only)
0x6: 600 µA
0x7: 700 µA
0x8: 800 µA
0x9: 900 µA
0xA: 1000 µA
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
55
Product Folder Links: LMP90100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com