Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP90100MHE/NOPB Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # LMP90100MHE/NOPB
Description  LMP90100/LMP90099/LMP90098/LMP90097 Sensor AFE System: Multi-Channel, Low Power 24-Bit Sensor AFE with True Continuous Background Calibration
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP90100MHE/NOPB Datasheet(HTML) 38 Page - Texas Instruments

Back Button LMP90100MHE/NOPB Datasheet HTML 34Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 35Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 36Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 37Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 38Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 39Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 40Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 41Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 69 page
background image
LMP90100
SCLK
CSB
SDI
SDO/
DRDYB
uC
SCLK
CSB
MOSI
MISO
INT
1/ODR
1/ODR
SDO
LSB
D6 = drdyb
Valid
ADC_DOUT
(ADC Data 1)
MSB
LSB
Valid
ADC_DOUT
(ADC Data 2)
MSB
ADC
Data
2
ADC
Data
1
LMP90100
SNAS510P – JANUARY 2011 – REVISED MARCH 2013
www.ti.com
Figure 54. DRDYB Behavior for an Incomplete ADC_DOUT Reading
DRDYB can also be accessed via registers using the DT_AVAIL_B bit. This bit indicates when fresh conversion
data is available in the ADC_DOUT registers. If new conversion data is available, then DT_AVAIL_B = 0;
otherwise, DT_AVAIL_B = 1.
As opposed to the drdyb signal, a complete reading for DT_AVAIL_B occurs when the MSB of ADC_DOUTH is
read out. This bit cannot be reset even if REG_AND_CNV_RST = 0xC3.
DrdybCase1: Combining SDO/DRDYB with SDO_DRDYB_DRIVER = 0x00
Figure 55. DrdybCase1 Connection Diagram
As shown in Figure 55, the drdyb signal and SDO can be multiplexed on the same pin as their functions are
mostly complementary. In fact, this is the default mode for the SDO/DRDYB pin.
Figure 56 shows a timing protocol for DrdybCase1. In this case, start by asserting CSB first to monitor a drdyb
assertion. When the drdyb signal asserts, begin writing the Instruction Bytes (INST1, UAB, INST2) to read from
or write to registers. Note that INST1 and UAB are omitted from the figure below because this transaction is only
required if a new UAB needs to be implemented.
While the CSB is asserted, DRDYB is driving the SDO/DRDYB pin unless the device is reading data, in which
case, SDO will be driving the pin. If CSB is deasserted, then the SDO/DRDYB pin is High-Z.
38
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LMP90100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com