Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP90100MHE/NOPB Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # LMP90100MHE/NOPB
Description  LMP90100/LMP90099/LMP90098/LMP90097 Sensor AFE System: Multi-Channel, Low Power 24-Bit Sensor AFE with True Continuous Background Calibration
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP90100MHE/NOPB Datasheet(HTML) 28 Page - Texas Instruments

Back Button LMP90100MHE/NOPB Datasheet HTML 24Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 25Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 26Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 27Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 28Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 29Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 30Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 31Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 69 page
background image
Calibration
Background
calibration
System
calibration
Correction
Estimation
Offset
Gain
Pins
D0 ± D6 =
Set
GPIO_DIRCNx = 0
Set
GPIO_DIRCNx = 1
Write to GPIO_DAT: Dx bit
to drive Dx high or low,
where 0 ” [ ” 6.
inputs
outputs
Read the
GPIO_DAT: Dx bit to
determine if Dx is
high or low, where
0 ” [ ” 6.
LMP90100
SNAS510P – JANUARY 2011 – REVISED MARCH 2013
www.ti.com
Figure 43. GPIO Register Settings
CALIBRATION
As seen in Figure 44, there are two types of calibration: background calibration and system calibration. These
calibrations are further described in the next sections.
Figure 44. Types of Calibration
Background Calibration
Background calibration is the process of continuously determining and applying the offset and gain calibration
coefficients to the output codes to minimize the LMP90xxx’s offset and gain errors. Background calibration is a
feature built into the LMP90xxx and is automatically done by the hardware without interrupting the input signal.
Four differential channels, CH0-CH3, each with its own gain and ODRs, can be calibrated to improve the
accuracy.
Types of Background Calibration:
Figure 44 also shows that there are two types of background calibration:
1. Type 1: Correction - the process of continuously determining and applying the offset and gain calibration
coefficients to the output codes to minimize the LMP90xxx’s offset and gain errors.
–
This method keeps track of changes in the LMP90xxx's gain and offset errors due to changes in the
operating condition such as voltage, temperature, or time.
2. Type 2: Estimation - the process of determining and continuously applying the last known offset and gain
calibration coefficients to the output codes to minimize the LMP90xxx’s offset and gain errors.
–
The last known offset or gain calibration coefficients can come from two sources. The first source is the
default coefficient which is pre-determined and burnt in the device’s non-volatile memory. The second
source is from a previous calibration run of Type 1: Correction.
28
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LMP90100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com