Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP90100MHE/NOPB Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # LMP90100MHE/NOPB
Description  LMP90100/LMP90099/LMP90098/LMP90097 Sensor AFE System: Multi-Channel, Low Power 24-Bit Sensor AFE with True Continuous Background Calibration
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP90100MHE/NOPB Datasheet(HTML) 48 Page - Texas Instruments

Back Button LMP90100MHE/NOPB Datasheet HTML 44Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 45Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 46Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 47Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 48Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 49Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 50Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 51Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 69 page
background image
R/WB = Read/Write Data
0: Write Data
1: Read Data
7
[3:0]
[7:0]
0
0x0
SZ = Size
0x0: 1 byte
0x1: 2 bytes
0x2: 3 bytes
0x3: Streaming ± 3+ bytes until CSB is de-asserted
[6:5]
4
0
0x3
1000_0010b
Instruction Byte 2 (INST2)
Data Byte (s)
[7:0]
[7:3]
[2:0]
0x0
0x0
Instruction Byte 1 (INST1)
Upper Address Byte (UAB)
R/WB = Read/Write Address
0x10: Write Address
0x90: Read Address
0x10
Transaction 2 ± Data Access
Transaction 1 ± URA Setup ± necessary only when the previous URA is different than the desired URA.
LMP90100
SNAS510P – JANUARY 2011 – REVISED MARCH 2013
www.ti.com
Figure 68. Setting up SPI_STREAMCN
The next step shows how to perform the Controlled Streaming mode so that the master device will read
ADC_DOUT from ADDR 0x1A, 0x1B, 0x1C, then wrap back to ADDR 0x1A, and repeat this process for four
times. After this process, deassert CSB to end the Controlled Streaming mode.
48
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LMP90100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com