Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP90100MHE/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LMP90100MHE/NOPB
Description  LMP90100/LMP90099/LMP90098/LMP90097 Sensor AFE System: Multi-Channel, Low Power 24-Bit Sensor AFE with True Continuous Background Calibration
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP90100MHE/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMP90100MHE/NOPB Datasheet HTML 2Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 3Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 4Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 5Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 6Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 7Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 8Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 9Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 69 page
background image
LMP90100
SNAS510P – JANUARY 2011 – REVISED MARCH 2013
www.ti.com
Pin Functions
PIN DESCRIPTIONS
Pin #
Pin Name
Type
Function
1
VA
Analog Supply
Analog power supply pin
2 - 4
VIN0 - VIN2
Analog Input
Analog input pins
5 - 7
(LMP90100,
VIN3 - VIN5
Analog Input
Analog input pins
LMP90099)
5 - 7
(LMP90098,
VIN3 - VIN5
No Connect
No connect: must be left unconnected
LMP90097)
8
VREFP1
Analog Input
Positive reference input
9
VREFN1
Analog Input
Negative reference input
10
VIN6 / VREFP2
Analog Input
Analog input pin or VREFP2 input
11
VIN7 / VREFN2
Analog Input
Analog input pin or VREFN2 input
12 - 13
(LMP90100,
IB2 & IB1
Analog output
Excitation current sources for external RTDs
LMP90098)
12 - 13
(LMP90099,
IB2 & IB1
No Connect
No connect: must be left unconnected
LMP90097)
14
XOUT
Analog output
External crystal oscillator connection
15
XIN / CLK
Analog input
External crystal oscillator connection or external clock input
16
GND
Ground
Power supply ground
17
CSB
Digital Input
Chip select bar
18
SCLK
Digital Input
Serial clock
19
SDI
Digital Input
Serial data input
20
SDO / DRDYB
Digital Output
Serial data output and data ready bar
21 - 26
D0 - D5
Digital IO
General purpose input/output (GPIO) pins
27
D6 / DRDYB
Digital IO
General purpose input/output pin or data ready bar
28
VIO
Digital Supply
Digtal input/output supply pin
Thermal Pad
You can leave this thermal pad floating.
6
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LMP90100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com